Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 20Page - Texas Instruments ADS8028 Datasheet HTML 21Page - Texas Instruments ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments ADS8028 Datasheet HTML 24Page - Texas Instruments ADS8028 Datasheet HTML 25Page - Texas Instruments ADS8028 Datasheet HTML 26Page - Texas Instruments ADS8028 Datasheet HTML 27Page - Texas Instruments ADS8028 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
t
PL_PDRST
PDRST
/
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
RESET
The ADS8028 can be RESET by pulling the PD/RST pin to a logic low state for no longer than 60 ns. This input
is asynchronous to the clock. On RESET, the Control Register bits are set to the default state and the
temperature sensor averaging feature is reset and disabled. When the PD/RST is pulled back to a logic high
state, the ADS8028 is placed in normal mode. One valid write operation must be executed on the Control
Register in order to configure the ADS8028 and to select the channels before initiating conversions.
Note that PD/RST is a dual-function pin. Figure 39 shows the timing of this pin and Table 4 explains the usage of
this pin.
Figure 39. PD/RST Pin Timing
Table 4. PD/RST Pin Functionality
CONDITION
DEVICE MODE
tPL_PDRST < 60 ns
RESET (device does not enter power-down mode)
Device RESET. The ADS8028 may or may not enter power-down
60 ns < tPL_PDRST < 90 ns
mode.
This setting is not recommended.
tPL_PORST > 90 ns
Device enters power-down mode
POWER SUPPLY
The ADS8028 has two separate power supplies: AVDD and DVDD. The ADC operates on an AVDD power
supply; the DVDD supply is used for the interface circuits. AVDD and DVDD can be set independently to any
value within the permissible range; however, care must be taken to ensure that Equation 7 is fulfilled.
DVDD
≤ AVDD + 0.3 V
(7)
The ADS8028 contains an internal power-on-reset (POR) circuit that resets the Control Register to the default
value (all zeros). Therefore, by default, the ADS8028 powers up in internal reference mode. To continue with the
internal reference, a 5.5-ms delay must elapse before initiating the first conversion.
To operate with an external reference, there is no required delay for the internal reference to power-up. The
ADS8028 digital interface is fully functional 500 µs after power-up. Therefore, after a 500-µs delay, a valid write
operation can be executed to the Control Register to program the device in external reference mode and to
select the channels for conversion.
24
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com