Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8028 Datasheet HTML 1Page - Texas Instruments ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = +25°C.
All specifications at AVDD = 2.7 V to 5.25 V, DVDD = 1.65 V to 5.25 V, fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V
internal, unless otherwise noted.
ADS8028
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL REFERENCE INPUT
External reference input voltage range
1
AVDD
V
DC leakage current
±0.01
±1
µA
TEMPERATURE SENSOR
Operating range
–40
+125
°C
Accuracy
TA = –40°C to +125°C
±1
±3
°C
Resolution
LSB size
0.25
°C
DIGITAL INPUT AND OUTPUT
VIH
0.7 DVDD
V
VIL
0.3 DVDD
V
Logic level
VOH
SDO load = 20 pF, ISOURCE = 500 µA
0.8 DVDD
V
VOL
SDO load = 20 pF, ISINK = 500 µA
0.2 DVDD
V
Input capacitance
5
pF
IIN
Input current
0 V < VDigitalInput < DVDD
±0.01
±1
µA
POWER-SUPPLY REQUIREMENTS
Internal reference mode
2.7
3.0
5.25
External reference mode with
2.7
3.0
5.25
AVDD
Analog supply
VEXT_REF ≤ 2.7 V
V
External reference mode with
VEXT_REF
5.25
VEXT_REF > 2.7 V
DVDD
Digital supply
1.65
3.0
5.25
V
SUPPLY CURRENT
ITOTAL
Total current(2)
AVDD = 3.6 V, DVDD = 3.6 V
5.8
6.3
mA
Operational
AVDD = 5.25 V, DVDD = 5.25 V
7
7.5
mA
Normal mode
AVDD = 3.6 V, DVDD = 3.6 V
4.1
4.6
mA
Static
AVDD = 5.25 V, DVDD = 5.25 V
4.5
5
mA
STANDBY mode
AVDD = 3.6 V, DVDD = 3.6 V
1.5
2.5
mA
Power-down mode
AVDD = 3.6 V, DVDD = 3.6 V
1
10
µA
(2)
ITOTAL is the total current flowing in AVDD and DVDD.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com