Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments ADS8028 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
0
0.5
1
1.5
2
2.5
3
−11
−9
−7
−5
−3
−1
1
3
5
7
9
11
Current Load (mA)
G007
60
63
66
69
72
75
1
1.5
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
AVDD = 5 V
DVDD = 5 V
External Reference Mode
G011
70
71
72
73
74
1k
10k
100k
500k
Input Frequency (dB)
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
RIN = 33Ω
RIN = 0Ω
G012
−90
−85
−80
−75
−70
1k
10k
100k
500k
Input Frequency (dB)
RIN = 200Ω
RIN = 100Ω
RIN = 50Ω
RIN = 33Ω
RIN = 0Ω
G013
−140
−120
−100
−80
1k
10k
100k
1M
10M
100M
Supply Ripple Frequency (Hz)
G014
70
80
90
100
110
120
0
50
100
150
200
250
300
350
400
450
500
Input Frequency (dB)
G015
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
VREF vs CURRENT LOAD
SINAD vs VREF
Figure 8.
Figure 9.
SINAD vs INPUT FREQUENCY FOR VARIOUS SOURCE
THD vs INPUT FREQUENCY FOR VARIOUS SOURCE
IMPEDANCES
IMPEDANCES
Figure 10.
Figure 11.
PSRR vs POWER-SUPPLY RIPPLE FREQUENCY
CROSSTALK vs INPUT REQUENCY
Figure 12.
Figure 13.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com