Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 5 Page - Texas Instruments

  ADS8028 Datasheet HTML 1Page - Texas Instruments ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = +25°C.
All specifications at AVDD = 2.7 V to 5.25 V, DVDD = 1.65 V to 5.25 V, fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V
internal, unless otherwise noted.
ADS8028
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER CONSUMPTION
Power consumption
AVDD = DVDD = 3.0 V
17
18.9
mW
Operational
AVDD = DVDD = 3.6 V
20.9
22.7
mW
Normal mode
AVDD = DVDD = 5.25 V
36.8
39.4
mW
AVDD = DVDD = 3.6 V
14.8
16.6
mW
Static
AVDD = DVDD = 5.25 V
23.6
26.2
mW
STANDBY mode
AVDD = DVDD = 3.6 V
5.4
9
mW
Power-down mode
AVDD = DVDD = 3.6 V
3.6
36
µW
TEMPERATURE
Operating temperature range
–40
+125
°C
THERMAL INFORMATION
ADS8028
THERMAL METRIC(1)
RTJ (QFN)
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance
32.8
θJCtop
Junction-to-case (top) thermal resistance
27.8
θJB
Junction-to-board thermal resistance
9.3
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9.3
θJCbot
Junction-to-case (bottom) thermal resistance
1.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com