Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AIN3
AIN4
AIN5
AIN6
AIN7
SCLK
DOUT
DIN
TM_BUSY
CS
ThermalPad
1
2
3
4
5
15
14
13
12
11
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
PIN CONFIGURATIONS
RTJ PACKAGE(1)
QFN-20
(TOP VIEW)
(1) The exposed thermal pad on the bottom of the package must be soldered to the printed circuit board (PCB) ground for proper
functionality and heat dissipation.
NOTE: NC = no connection.
PIN ASSIGNMENTS
NAME
PIN
FUNCTION
DESCRIPTION
AGND
6
Supply
Analog ground
AIN0
18
Analog input
Analog input channel 0
AIN1
19
Analog input
Analog input channel 1
AIN2
20
Analog input
Analog input channel 2
AIN3
1
Analog input
Analog input channel 3
AIN4
2
Analog input
Analog input channel 4
AIN5
3
Analog input
Analog input channel 5
AIN6
4
Analog input
Analog input channel 6
AIN7
5
Analog input
Analog input channel 7
AVDD
10
Supply
ADC operation supply voltage
CS
11
Digital input
Chip select; active low logic input
DGND
9
Supply
Digital ground
DIN
13
Digital input
SPI data input
DOUT
14
Digital output
SPI data output
DVDD
16
Supply
ADC interface supply voltage
This pin has no internal connection. Any passive component connected to this
NC
8
—
pin does not affect device functionality.
PD/RST
17
Digital input
Dual function pin for power-down and reset operation; active low logic input
REF
7
Analog input/output
ADC internal reference output or ADC external reference input
SCLK
15
Digital input
SPI clock
Exposed thermal pad; this pin should be soldered to the PCB ground for proper
Thermal pad
—
Thermal pad
functionality and heat dissipation
Busy output; this pin transitions high and remains high during conversion for
TM_BUSY
12
Digital input
temperature sensor input
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com