Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments ADS8028 Datasheet HTML 13Page - Texas Instruments ADS8028 Datasheet HTML 14Page - Texas Instruments ADS8028 Datasheet HTML 15Page - Texas Instruments ADS8028 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
−4
−2
0
2
4
2.7
3.2
3.7
4.2
4.7
5.2
AVDD, Analog Supply Voltage (V)
DVDD = 1.8 V
G030
−4
−2
0
2
4
2.7
3.2
3.7
4.2
4.7
5.2
AVDD, Analog Supply Voltage (V)
DVDD = 1.8 V
G031
70
75
80
85
90
95
100
105
110
0
100
200
300
400
500
Input Frequency (kHz)
G032
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1.5
−1
−0.5
0
0.5
1
1.5
Temperature (°C)
G034
0
10
20
30
40
50
60
0
20
40
60
80
100
Time (Seconds)
G034
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
OFFSET ERROR vs AVDD
GAIN ERROR vs AVDD
Figure 26.
Figure 27.
CROSSTALK vs INPUT FREQUENCY
TEMPERATURE SENSOR ACCURACY
Figure 28.
Figure 29.
TEMPERATURE SENSOR RESPONSE TO THERMAL SHOCK
– FROM ROOM TEMPERATURE INTO 50°C STIRRED OIL
Figure 30.
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com