Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments ADS8028 Datasheet HTML 11Page - Texas Instruments ADS8028 Datasheet HTML 12Page - Texas Instruments ADS8028 Datasheet HTML 13Page - Texas Instruments ADS8028 Datasheet HTML 14Page - Texas Instruments ADS8028 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−15
10
35
60
85
110 125
Maximum INL
Minimum INL
Free− Air Temperature (dB)
G022
−4
−2
0
2
4
−40
−15
10
35
60
85
110 125
Free−Air Temperature (°C)
G024
−4
−2
0
2
4
−40
−15
10
35
60
85
110 125
Free−Air Temperature (°C)
G025
60
63
66
69
72
75
2.7
3.2
3.7
4.2
4.7
5.2
AVDD, Analog Supply Voltage (V)
DVDD = 1.8 V
G026
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
5.7
Maximum DNL
Minimum DNL
AVDD, Analog Supply Voltage (V)
G027
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
Maximum INL
Minimum INL
AVDD, Analog Supply Voltage (V)
DVDD = 1.8 V
G028
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
All plots at TA = +25°C, AVDD = 3.0 V, DVDD = 3.0 V,
fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V internal, unless otherwise noted.
INL vs TEMPERATURE
OFFSET ERROR vs TEMPERATURE
Figure 20.
Figure 21.
GAIN ERROR vs TEMPERATURE
SINAD vs AVDD
Figure 22.
Figure 23.
DNL vs AVDD
INL vs AVDD
Figure 24.
Figure 25.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com