Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 17Page - Texas Instruments ADS8028 Datasheet HTML 18Page - Texas Instruments ADS8028 Datasheet HTML 19Page - Texas Instruments ADS8028 Datasheet HTML 20Page - Texas Instruments ADS8028 Datasheet HTML 21Page - Texas Instruments ADS8028 Datasheet HTML 22Page - Texas Instruments ADS8028 Datasheet HTML 23Page - Texas Instruments ADS8028 Datasheet HTML 24Page - Texas Instruments ADS8028 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
CS
SCLK
DOUT
DIN
1
16
InvalidData
CS
SCLK
DOUT
DIN
InvalidData
Command:SelectChannels
AIN2andAIN7
NoWritetotheControlRegister
Command:SelectChannelAIN0
ConversionResultforChannelAIN2
ConversionResultforChannelAIN7
ConversionResultforChannelAIN0
NoWritetotheControlRegister
WaitingforConfiguration
ConvertingforChannelAIN2
ConvertingforChannelAIN7
ConvertingforChannelAIN0
NoWritetotheControlRegister
WaitingforConfiguration
1
16
1
16
1
16
1
16
¼
¼
¼
¼
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
If multiple channels are selected by writing a '1' to all associated bits in the Control Register, the ADS8028
converts all selected channels sequentially (in ascending order) in successive frames as defined by the CS
falling edges. When all selected channels in the Control Register are converted, the ADS8028 stops conversions
and waits for a valid write operation to be executed in the Control Register to select the next channel to be
converted. This operation is shown in Figure 36. DOUT returns all '1's if the conversion sequence is completed
or if no channel is selected. When the ADS8028 begins to convert the first channel in the selected channel
sequence, the WRITE bit in the Control Register must be set to '0' in any subsequent frames to avoid interrupting
the selected sequence.
Figure 36. Configuring a Conversion and Read with the ADS8028
(Numerous Channels Selected for Conversion, REPEAT = 0)
Single or Multiple Channels: Repeated Conversions
The ADS8028 can be programmed to repeatedly convert either a single channel or a sequence of channels
without having to reprogram the Control Register. To operate in this mode, execute a valid write operation to the
Control Register. During this write operation, the REPEAT bit in the Control Register should be set to '1' and the
desired channels should be selected by writing a '1' to the associated bits. Thereafter, the ADS8028 continuously
cycles through the selected channels in ascending order, beginning with the lowest channel and converting all
channels selected in the Control Register. On completion of the sequence, the ADS8028 returns to the first
selected channel in the Control Register and repeats the sequence.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com