Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments ADS8028 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CS
DOUT
DIN
tSU_CSCK
SCLK
ADD3
WRITE
REPEAT
AIN0
AIN1
AIN2
AIN3
EXT_REF
STANDBY
TMP_AVG
ADD2
6
ADD1
ADD0
DB11
DB10
DB2
DB1
DB0
tPH_CSZ
tCONV
tDV_CSDO
3-State
5
4
3
2
1
13
tPH_SCLK
tSCLK
tD_CKDO
tHT_CKDO
tHT_CKDI
tSU_CKDI
14
15
16
3-State
tPL_SCLK
tDZ_CKDO
t
ACQ
ADS8028
SBAS549B – MAY 2011 – REVISED MARCH 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TIMING CHARACTERISTICS
Figure 1. Serial Interface Timing Diagram
Timing Requirements for Figure 1(1)
ADS8028
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLK
External serial clock frequency
20
MHz
tSCLK
External interface clock time period
50
ns
tPH_SCLK
SCLK high pulse width
0.4 tSCLK
0.6 tSCLK
ns
tPL_SCLK
SCLK low pulse width
0.4 tSCLK
0.6 tSCLK
ns
Conversion time:
tSU_CSCK + 13 tSCLK
ns
tCONV
For channels AIN0 to AIN7
fSCLK = 20 MHz
700
ns
For internal temperature sensor measurement
100
µs
tPH_CSZ
CS high pulse width
6
ns
tACQ
Acquisition time (for channel AINx)
fSCLK = 20 MHz
100
ns
tSU_CSCK
Setup time: CS to SCLK falling edge
10
ns
tDV_CSDO
Delay time between CS falling edge to DOUT enabled
17
ns
DVDD = 1.65 V to 3 V
32
ns
Delay time between SCLK falling edge to (new) data
tD_CKDO
DVDD = 3 V to 3.6 V
29
ns
available on DOUT
DVDD = 3.6 V to 5.25 V
28
ns
Hold time: SCLK falling edge to (previous) data valid on
tHT_CKDO
10
ns
DOUT
Delay time between 16th SCLK falling edge to DOUT
tDZ_CKDO
12
27
ns
going to high-impedance
Delay time between CS going high to DOUT going to high-
tDZ_CSDO
26
ns
impedance
tSU_CKDI
DIN setup time before SCLK falling edge
5
ns
tHT_CKDI
DIN hold time after SCLK falling edge
4
ns
tACQ_TMP
TM_BUSY falling edge to CS falling edge
100
ns
tPU_STANDBY
Power-up time after coming out of STANDBY mode
1
µs
Internal reference mode,
tPOWER_UP
Power-up time after coming out of power-down mode
6
ms
10-µF capacitor on REF pin
(1)
Specifications apply from TA = –40°C to +125°C, AVDD = 2.7 V to 3.6 V, DVDD = 1.65 V to 5.25 V, VREF = 2.5 V internal, load on
DOUT = 15 pF || 100 k
Ω, and tR = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 0.5 DVDD, unless otherwise
noted.
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com