Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8028 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8028
Description  12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8028 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8028 Datasheet HTML 1Page - Texas Instruments ADS8028 Datasheet HTML 2Page - Texas Instruments ADS8028 Datasheet HTML 3Page - Texas Instruments ADS8028 Datasheet HTML 4Page - Texas Instruments ADS8028 Datasheet HTML 5Page - Texas Instruments ADS8028 Datasheet HTML 6Page - Texas Instruments ADS8028 Datasheet HTML 7Page - Texas Instruments ADS8028 Datasheet HTML 8Page - Texas Instruments ADS8028 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADS8028
www.ti.com
SBAS549B – MAY 2011 – REVISED MARCH 2012
ELECTRICAL CHARACTERISTICS
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = +25°C.
All specifications at AVDD = 2.7 V to 5.25 V, DVDD = 1.65 V to 5.25 V, fSAMPLE = 1 MHz, fSCLK = 20 MHz, and VREF = 2.5 V
internal, unless otherwise noted.
ADS8028
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
AINx
Analog input voltage
0
VREF
V
In sample mode
40
pF
Input capacitance
In hold mode
8
pF
Input bias current
±0.01
µA
SAMPLING DYNAMICS
SCLK = 20 MHz
660
700
ns
Conversion time
TSENSE temperature sensor channel
100
µs
Acquisition time
Full-scale step input
100
ns
SCLK = 20 MHz, AINx channel
1
MSPS
Throughput rate
SCLK = 20 MHz, temperature
10
kSPS
measurement channel
Aperture delay
14
ns
At 3 dB
30
MHz
Full-power bandwidth
At 0.1 dB
10
MHz
Step response
100
ns
Overload recovery
100
ns
DC ACCURACY
Resolution
12
Bits
No missing codes
12
Bits
INL
Integral nonlinearity
±0.5
±1
LSB
DNL
Differential nonlinearity
±0.5
±0.99
LSB
Offset error
±2
±4.5
LSB
Offset error matching
±2.5
±4.5
LSB
Offset temperature drift
4
ppm/°C
Gain error
±1
±4
LSB
Gain error matching
±1
±2.5
LSB
Gain temperature drift
0.5
ppm/°C
DYNAMIC PERFORMANCE
SNR
Signal-to-noise ratio
50-kHz input, –0.5 dBFS
70
72
dB
SINAD
Signal-to-noise and distortion ratio
50-kHz input, –0.5 dBFS
70
71
dB
THD
Total harmonic distortion
50-kHz input, –0.5 dBFS
–82
–77
dB
SFDR
Spurious-free dynamic range
50-kHz input, –0.5 dBFS
77.5
84
dB
fA = 40.1 kHz, fB = 41.5 kHz
IMD
Intermodulation distortion
Second-order terms
–84
dB
Third-order terms
–93
dB
Channel-to-channel isolation
fIN = 50 kHz, fNOISE = 60 kHz
–100
dB
INTERNAL REFERENCE OUTPUT
Reference output voltage
±0.3% maximum at +25°C
2.4925
2.5
2.5075
V
Long-term stability
150
ppm
Output voltage hysteresis
50
ppm
Internal reference output impedance
1
Ω
Internal reference temperature coefficient
12
35(1)
ppm/°C
Internal reference noise
10-MHz bandwidth
60
µVRMS
(1)
Sample tested during initial release to ensure compliance.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS8028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com