Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 2Page - STMicroelectronics L9001 Datasheet HTML 3Page - STMicroelectronics L9001 Datasheet HTML 4Page - STMicroelectronics L9001 Datasheet HTML 5Page - STMicroelectronics L9001 Datasheet HTML 6Page - STMicroelectronics L9001 Datasheet HTML 7Page - STMicroelectronics L9001 Datasheet HTML 8Page - STMicroelectronics L9001 Datasheet HTML 9Page - STMicroelectronics L9001 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
General description
L9001
6/38
DS12089 Rev 2
1
General description
The L9001 is a power management device targeting various automotive applications. The
device contains three voltage regulators: VDD1, VDD2 and ADCLDO.
1.1
VDD1 regulator
VDD1 is an asynchronous switch mode power supply with integrated FET and can be used
as pre-regulator for VDD2 and/or to supply external devices such as μC, transceivers, or
sensors. The regulated voltage can be configured to 3.3 V / 5 V or 6 V by a proper
connection of CONF3 input pin. Current capability is up to 1A, and the device provides an
internal peak current limitation as protection. In addition VDD1 output voltage is monitored
through VR1 pin and if the voltage goes outside the specified range, RSTN1 output is
asserted low; when the fault disappears the output is released after the specified hold time.
If the application does not require it, VDD1 regulator can be also disabled without the need
to insert additional external components.
1.2
VDD2 regulator
VDD2 is a configurable power supply with integrated FET that can be used as BUCK
regulator (also referenced as BUCK2 in this case) or as LDO regulator (also referenced as
LDO2 in this case) to supply μC or μC core. In fact the regulated voltage is highly
configurable and can be adjusted between 0.8 V and 5 V by proper sizing of external divider
on FB2 input pin. The choice between BUCK and LDO is done by setting the proper
connection of CONF2 input pin. Current capability is up to 1 A in BUCK mode and 300 mA
in LDO mode and the device provides an internal limitation according to the chosen option
(BUCK / LDO). In addition VDD2 output voltage is monitored through FB2 input pin and if
the voltage goes outside the specified range, RSTN2 output is asserted low; when the fault
disappears the output is released after the specified hold time.
The input voltage of VDD2 regulator can be connected to:
VS supply voltage, in a configuration in which VDD2 is directly supplied from battery
VDD1 output, in a configuration where VDD2 is supplied by VDD1 pre regulator
The connection to VS battery will automatically disable VDD1 as the device does not allow
the independent operation of VDD1 and VDD2 both supplied from battery.
If the application does not require it, VDD2 regulator can be disabled without the need to
insert additional external components.
1.3
ADCLDO regulator
ADCLDO is a LDO power supply with integrated FET which can be used for external loads
with low current demand. The regulated voltage VADC can be configured to 3.3 V / 5 V by a
proper connection of CONF1 input pin. Current capability is up to 100 mA, and the device
provides an internal current limitation as protection. In addition VADC output voltage is
monitored internally and if the voltage goes outside the specified range, ADCMON output is
asserted low; when the fault disappears the output is released after the specified hold time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com