Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics L9001 Datasheet HTML 27Page - STMicroelectronics L9001 Datasheet HTML 28Page - STMicroelectronics L9001 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DS12089 Rev 2
25/38
L9001
Watchdog
37
This is an example of the functioning of the SPS w.r.t. timings, RST_1, RST_2, WD_EN:
Figure 5. Example of Watchdog functioning
WDO_l
WDO output low level
1 mA input current
-
-
1
V
WDT_thi
WDT threshold to enter FLASH
mode
-
-
-
7.4
V
WDT_tho
WDT threshold to exit FLASH
mode
-
6.1
-
-
V
Table 14. Watchdog parameters (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com