Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 3Page - STMicroelectronics L9001 Datasheet HTML 4Page - STMicroelectronics L9001 Datasheet HTML 5Page - STMicroelectronics L9001 Datasheet HTML 6Page - STMicroelectronics L9001 Datasheet HTML 7Page - STMicroelectronics L9001 Datasheet HTML 8Page - STMicroelectronics L9001 Datasheet HTML 9Page - STMicroelectronics L9001 Datasheet HTML 10Page - STMicroelectronics L9001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DS12089 Rev 2
7/38
L9001
General description
37
1.4
Supervision and diagnosis
In addition to the described protection features of current limitation and output voltage
monitor, the device provides additional supervision and diagnosis functions: VS UV/OV,
over temperature, watchdog and latch mode.
VS input voltage is monitored and if an undervoltage or overvoltage is detected with respect
to the specified thresholds, the device enters a so called safe state in which output voltages
are switched off.
The device internal temperature is also monitored: when temperature increases over the
specified threshold, the TWN output is asserted low and, if the temperature increases above
a shutdown threshold, the device enters safe state.
The device also has a charge pump block which is used to ensure proper regulators
functionality inside spec limits; undervoltage on CP also triggers device safe state.
The device integrates a watchdog functional block which constantly monitors the status of
the microcontroller's oscillator. This is done by checking the synchronization of the
microcontroller with an internal time signal whose period is configured by applying a specific
capacitor at the input pin WDT. If the microcontroller signal, which is transmitted to the
watchdog via the pin WDI, is not serving the watchdog correctly, the output pin WDO is
asserted low for the specified time.
L9001 provides a feature, called latch state, that disables the system in case a systematic
fault is repetitively detected on the charge pump structure, watchdog or in case of repetitive
thermal events. The separated fail counters and detection mechanism are explained in the
dedicated sections of this document.
1.5
Low power mode
For low power applications L9001 provides a Low Power mode feature which drastically
reduces the device power consumption while the attached loads are still supplied via bypass
LDOs. This mode can be entered with STBY input pin to high level as described in the
dedicated section of this document. Load current is monitored in this mode and main
regulators are automatically reenabled if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com