Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 1 Page - STMicroelectronics

  L9001 Datasheet HTML 1Page - STMicroelectronics L9001 Datasheet HTML 2Page - STMicroelectronics L9001 Datasheet HTML 3Page - STMicroelectronics L9001 Datasheet HTML 4Page - STMicroelectronics L9001 Datasheet HTML 5Page - STMicroelectronics L9001 Datasheet HTML 6Page - STMicroelectronics L9001 Datasheet HTML 7Page - STMicroelectronics L9001 Datasheet HTML 8Page - STMicroelectronics L9001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
January 2019
DS12089 Rev 2
1/38
L9001
Automotive power supply IC with multiple voltage regulators
Datasheet
- production data
Features
 AEC-Q100 qualified
 Flexible, configurable voltage regulator for
multiple power supply schemes
– First stage asynchronous switch mode
regulator (VDD1), supplying second stage
regulator (VDD2), peripherals or μC
[3.3 V/5.0 V/6.0 V/1 A]; optionally disabled
– Second regulator (VDD2), configurable as
BUCK converter or LDO regulator,
supplying peripherals, μC or μC-core [0.8 V
to 5.0 V/1 A BUCK and 300 mA for LDO];
optionally disabled
– ADC LDO [3.3 V/5 V/100 mA] for ADC μC
supply
 Supervision and diagnosis
– VS monitoring
– Over temperature detection
– Output supply supervision
– Output overcurrent protection
 Fail-safe functionality
– Output under or over voltage reset
generation
– Configurable Watchdog
– Over temperature shutdown
 Low power mode
Description
L9001 SPS (Simple Power Supply) device is a
multiple power regulator for Automotive
applications with one buck regulator, one
configurable buck or linear regulator and one
linear regulator. Its output voltages are
configurable via discrete pins.
On top of the regulators, this device integrates a
watchdog functional block, and a diagnosis
functional block (under/over voltage, output
current and temperature).
Device is capable of low power operation mode
with main regulators still active and reduced
power consumption from battery.
Table 1. Device summary
Order code
Package
Packing
L9001
PowerSSO-24
(exposed pad
down(1))
1. The exposed pad dimensions for this device is
showed in Table 19: PowerSSO-24 (exposed pad)
package mechanical data (VARIATIONS - Option A,
“D1 and E2”).
Tube
L9001-TR
Tape and reel
www.st.com


Similar Part No. - L9001

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L9001 GILWAY-L9001 Datasheet
29Kb / 1P
Line Filament Lamps
More results

Similar Description - L9001

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
logo
STMicroelectronics
L9396 STMICROELECTRONICS-L9396 Datasheet
1Mb / 109P
Automotive multiple power supply IC
25-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com