Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 9Page - STMicroelectronics L9001 Datasheet HTML 10Page - STMicroelectronics L9001 Datasheet HTML 11Page - STMicroelectronics L9001 Datasheet HTML 12Page - STMicroelectronics L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DS12089 Rev 2
13/38
L9001
Electrical specifications
37
4.3
Operating range
4.4
Thermal data
4.5
General operating conditions
As described in this chapter, all electrical characteristics contained within this document are
valid for the following conditions unless otherwise noted:
-40 °C < Tj < 175 °C, 5.5 V < VS < 18 V.
Moreover all electrical parameters related to time/frequency have a spread of ±30% unless
otherwise stated.
Table 5. Supply voltage range
Symbol
Parameter
Min.
Max.
Unit
VS
Supply voltage
5.5 (1)
1. If VS<6.5V, VDD1 output degradation can occur depending on device settings (see VDD1 regulator section
for details)
18
V
Table 6. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tamb
Ambient temperature
-40
-
125
˚C
Tj
Junction temperature
-40
-
175
˚C
RTh(j-amb)
Thermal resistance junction-to-ambient (2s2p
thermally enhanced PCB)
--
24
˚C/W
RTh(j-case) Thermal Resistance junction-to-case
-
-
2
˚C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com