Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 29Page - STMicroelectronics L9001 Datasheet HTML 30Page - STMicroelectronics L9001 Datasheet HTML 31Page - STMicroelectronics L9001 Datasheet HTML 32Page - STMicroelectronics L9001 Datasheet HTML 33Page - STMicroelectronics L9001 Datasheet HTML 34Page - STMicroelectronics L9001 Datasheet HTML 35Page - STMicroelectronics L9001 Datasheet HTML 36Page - STMicroelectronics L9001 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DS12089 Rev 2
33/38
L9001
Package information
37
Table 19. PowerSSO-24 (exposed pad) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
0°
-
8°
0°
-
8°
Ө1
5°
-
10°
5°
-
10°
Ө2
0°-
-0°-
-
A
-
-
2.45
-
0.0965
A1
0.0
-
0.1
0.0
0.0039
A2
2.15
-
2.35
0.0846
0.0925
b
0.33
-
0.51
0.013
0.0201
b1
0.28
0.40
0.48
0.011
0.0157
0.0189
c
0.23
-
0.32
0.0091
0.0126
c1
0.20
0.20
0.30
0.0079
0.0079
0.0118
D(2)
10.30 BSC
0.4055 BSC
D1
VARIATION
D2
-
3.65
-
-
0.1437
-
D3
-
4.30
-
-
0.1693
-
e
0.80 BSC
0.0315 BSC
E
10.30 BSC
0.4055 BSC
E1(2)
7.50 BSC
0.2953 BSC
E2
VARIATION
E3
-
2.30
-
-
0.0906
-
E4
-
2.90
-
-
0.1142
-
G1
-
1.20
-
-
0.0472
-
G2
-
1.0
-
-
0.0394
-
G3
-
0.80
-
-
0.0315
-
h
0.30
-
0.40
0.0118
-
0.0157
L
0.55
0.70
0.85
0.0217
-
0.0335
L1
1.40 REF
0.0551 REF
L2
0.25 BSC
0.0098 BSC
N
24 (# lead)
R
0.30
-
-
0.0118
-
-
R1
0.20
-
-
0.0079
-
-
S
0.25
-
-
0.0098
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com