Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics L9001 Datasheet HTML 27Page - STMicroelectronics L9001 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Watchdog
L9001
24/38
DS12089 Rev 2
7
Watchdog
The device hosts a watchdog control unit. The μC must trigger the watchdog with a toggle
on WDI pin within a configurable time period tWDT (also called normal window) which
depends on external capacitance at pin WDT and is specified as tWDT(Cwdt). The feedback
of the watchdog control can be checked monitoring output pin WDO.
Accuracy of the window (including internal spread) is shown in the table below with
reference to the case a 47 nF cap is mounted:
tWDT(Cwdt) = tWDT(47 nF) * Cwdt/47 nF
As soon as L9001 is in ACTIVE mode and resets of the VDD regulators are high (only the
enabled regulators are considered), the watchdog is switched on and opens a long window
which is 10 times the normal window. If the watchdog is correctly served before the end of
this window, subsequent normal windows are opened as described in Figure 6.
In order to serve the watchdog, WDI must toggle from low state to high state. A correct
toggle is recognized when high state at WDI lasts as long as tWDI_h and low state as short
as tWDI_l; when there is a correct WDI toggle, a WDI internal flag is set. At the end of the
timing window tWDT(Cwdt), the flag is checked and if it is set to 1, the system is working
properly, the flag is reset to 0 and the cycle goes on. If the flag is still at 0, a watchdog failure
is generated. It follows that more than one WDI toggle can occur in the time window.
WDO is an open drain output (low active). In case of watchdog failure the output WDO is
driven low for the specified time tWDO; the output WDO will be relased after this time unless
the device enters latch mode (see Section 8.2 and Figure 6 for details).
Watchdog failure is also counted as failure condition for LATCH mode enter after 4
consecutive failures as explained in Section 8.
In software development mode (FLASH mode) watchdog is disabled. This can be done by
forcing WDT>WDT_thi. The device can regain Active mode if WDT<WDT_tho; the function
is also switched off when entering LOW POWER mode, and is switched on again when re-
entering ACTIVE mode (see Section 8.1 for details)
When WDT pin is connected to a fixed voltage, watchdog functionality is frozen, but
regulators still function normally.
Table 14. Watchdog parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tWDT(47nF)
Watchdog timer window length
reference working point
tWDT with C(WDT) = 47 nF
35
40
45
ms
tWDT_lw(47nF) Watchdog timer long window
tWDT_lw with C(WDT) = 47 nF
350
400
450
ms
tWDO
WDO active pulse duration
-
-
16
-
ms
Cwdt
WDT pin capacitor
Application info
1
47
100
nF
tWDI_h
Minimum high level WDI duration
to trigger WD
-
-
50
-
μs
tWDI_l
Minimum low level WDI duration
-
3
-
10
μs
WDI_h
WDI input high level threshold
-
-
-
1.5
V
WDI_l
WDI input low level threshold
-
1.05
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com