Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 27Page - STMicroelectronics L9001 Datasheet HTML 28Page - STMicroelectronics L9001 Datasheet HTML 29Page - STMicroelectronics L9001 Datasheet HTML 30Page - STMicroelectronics L9001 Datasheet HTML 31Page - STMicroelectronics L9001 Datasheet HTML 32Page - STMicroelectronics L9001 Datasheet HTML 33Page - STMicroelectronics L9001 Datasheet HTML 34Page - STMicroelectronics L9001 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
DS12089 Rev 2
31/38
L9001
Operation modes
37
8.2.7
Operation modes parameters
Table 16. Consumption parameters
Symbol
Parameter
Description
Min.
Typ.
Max.
Unit
I_LPM
Low-power mode
consumption
Current consumption when in
LOW POWER mode
(considering both regulators
enabled, internal device only
consumption and excluding
external load currents)
100
-
150
μA
I_QC
Quiescent current of VS
Device switched off
(WAKE = L)
--
10
μA
Table 17. STBY pin parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
STBY_Hth
STBY pin threshold to
enter LOW POWER
mode (STBY = H)
-
1.3
1.43
1.55
V
STBY_Lth
STBY pin threshold to exit
LOW POWER mode
(STBY = L)
-
0.95
1.08
1.2
V
STBY_PD
STBY pull down current
STBY = 5 V
-
55
80
μA
Table 18. Charge pump capacitors
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Ccp
CP output capacitor
-
-
220
-
nF
Ccp2
CP switching capacitor
-
-
68
-
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com