Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics L9001 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DS12089 Rev 2
23/38
L9001
Diagnosis
37
tRSTN2_act
RSTN2 active pulse duration
Guaranteed by scan
-
15
-
ms
tADCMON_act
ADCMON active pulse
duration
Guaranteed by scan
-
15
-
ms
TWN_l
TWN low level
1 mA input current
-
1
V
TW_L
Thermal warning temperature
low threshold
Guaranteed by design
150
-
-
˚C
TW_H
Thermal warning temperature
high threshold
Guaranteed by design
-
-
165
˚C
TSD
Thermal shutdown
temperature
Guaranteed by design
180
185
190
˚C
Twn_deglitch
Thermal warning deglitch time Guaranteed by scan
-
10
-
μs
R_INT_RPU
Internal resistive VDDIO
pull-up resistance on RSTN1,
RSTN2, ADCMON pins
-
14K
-
28K
Ω
R_INT_RPD
Internal resistive pull-down
resistance on RSTN1, RSTN2,
ADCMON pins
-
1.5M
-
3M
Ω
Table 13. Diagnosis parameters (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com