Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Power supply
L9001
18/38
DS12089 Rev 2
5.4
ADCLDO Regulator
ADCLDO is a LDO power supply with integrated FET. The input voltage is VS pin; the output
voltage is VADC which can be selected as either 3.3 V or 5.0 V as described in Section 5.1.
5.5
Power up and power down sequences
As soon as the battery level on VS in greater than 5.5 V and the pin WAKE reaches a value
greater than WAKE_Hth (see Table 12) for a minimum time of WPH, the internal regulators
are activated.
A dedicated design approach is used to mitigate emissions and soft start control is used to
define the start-up behavior.
When internal regulators are ready, at first VDD1 regulator is activated with soft start
functionality. When the under-voltage threshold is reached, the other regulators (VDD2 and
ADCLDO) are activated with soft start functionality. In case the VDD1 regulator is not used,
the VDD2 and ADCLDO regulators will start right after internal regulators are ready.
In the power down sequence, as soon as WAKE goes below WAKE_Lth (see Table 12) for a
minimum time of WPL, the internal regulators and all output pins are deactivated.
ESR_Cout2
Eq. series resistance
for Cout2
Application info
-
-
50
mΩ
Cin1_vdd2
Bypass capacitor at
VR1 pin
Application info
-
100
-
nF
Cin2_vdd2
-
4.7
-
μF
1. For further load/line transient details, please refer to AN5163.
Table 10. VDD2 regulator parameters (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 11. ADCLDO regulator parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VADC
Output voltage
CONF1 LOW
3.23
3.3
3.37
V
VADC
CONF1 HIGH
4.9
5
5.1
V
IloadADC
Output current
Application info
0
-
100
mA
dVSRADC_ac
Line transient response
Not tested, guaranteed by design,
SR < 1 V/μs
-5
-
5
%
dVLRADC_ac
Load transient response Not tested, guaranteed by design
-5
-
5
%
IlimADC
Current limitation
-
100
-
-
mA
RDSonADC
High side RDSon
-
-
-
4
Ω
-SSADC
Soft start control
CONF1 LOW (20%-80% of VADC)
-
-
12
V/ms
CONF1 HIGH (20%-80% of VADC)
-
-
17
V/ms
Cadc
Capacitor at VADC
Application info
0.7
-
-
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com