Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics L9001 Datasheet HTML 27Page - STMicroelectronics L9001 Datasheet HTML 28Page - STMicroelectronics L9001 Datasheet HTML 29Page - STMicroelectronics L9001 Datasheet HTML 30Page - STMicroelectronics L9001 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
DS12089 Rev 2
27/38
L9001
Operation modes
37
8
Operation modes
8.1
Operation modes condition
The device can operate in different modes, depending on the internal or external triggering
conditions.
8.2
Description of the operation modes
A description of the operation modes is given here and a graphical view is depicted in
Figure 7; additional transitions details are given in and .
8.2.1
OFF mode
OFF mode corresponds to the state when the device is switched off. From OFF mode when
VS is greater than 5.5 V and WAKE is high, L9001 moves to ACTIVE mode.
8.2.2
ACTIVE mode
ACTIVE mode corresponds to the normal activity of the device where all functions are
available. WAKE is High, VS is inside the operative range and no Failure is detected. When
entering ACTIVE mode from OFF or SAFE state, the regulators are powered-up. From this
state L9001 can move to LOW POWER state, FLASH state or SAFE state. A table to clarify
transitions from and to ACTIVE mode is included in .
8.2.3
FLASH mode
FLASH mode corresponds to a state where a super-user is performing activities like SW
development. All functions are available like in ACTIVE mode except the Watchdog, which
is switched off. This mode is entered when WDT>WDT_thi. The device regains Active
mode if WDT<WDT_tho (see Section 7 for details)
Table 15. Operation modes description
Mode
Description
Operating condition
OFF
Off state
All functions switched off
ACTIVE Normal operation
All functions available
FLASH
Super-user mode for SW development or
FLASH mode (external triggered)
All functions available, WD disabled
LOW
POWER
Reduced consumption mode (external
triggered)
VDD1 and VDD2 regulators in bypass
mode, ADCLDO switched off, WD
disabled.
SAFE
Safe state automatically entered in case of
failure (over temperature shutdown, VS
overvoltage, VS undervoltage, and charge
pump undervoltage)
All output voltages are switched off.
Monitoring is still active.
LATCH
Latch state automatically entered in case of
persistent failures (over temperature, charge
pump undervoltage or watchdog)
All output voltages are switched off, all
monitoring is switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com