Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics L9001 Datasheet HTML 21Page - STMicroelectronics L9001 Datasheet HTML 22Page - STMicroelectronics L9001 Datasheet HTML 23Page - STMicroelectronics L9001 Datasheet HTML 24Page - STMicroelectronics L9001 Datasheet HTML 25Page - STMicroelectronics L9001 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Diagnosis
L9001
22/38
DS12089 Rev 2
Table 13. Diagnosis parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VR1_uv
VR1 under voltage threshold
CONF3 LOW
2.96
3.05
3.2
V
VR1_uv_2
CONF3 MID
4.49
4.65
4.84
V
VR1_uv_3
CONF3 HIGH
5.38
5.58
5.8
V
VR1_ov
VR1 over voltage threshold
CONF3 LOW
3.4
3.55
3.65
V
VR1_ov_2
CONF3 MID
5.17
5.38
5.54
V
VR1_ov_3
CONF3 HIGH
6.2
6.42
6.64
V
VR2_uv
VR2 under voltage threshold
Measured on FB2 (= 0.8 V
nominal value)
0.72
0.74
0.77
V
VR2_ov
VR2 over voltage threshold
Measured on FB2 (= 0.8 V
nominal value)
0.83
0.86
0.88
V
VADC_uv
VADC under voltage threshold
CONF1 LOW
3.1
3.17
3.25
V
VADC_uv_1
CONF1 HIGH
4.7
4.8
4.92
V
VADC_ov
VADC over voltage threshold
CONF1 LOW
3.36
3.45
3.57
V
VADC_ov_2
CONF1 HIGH
5.1
5.2
5.35
V
VS_uv_l
Battery under voltage
threshold
-
3.5
-
-
V
VS_uv_h
-
-
-
4.2
V
VS_ov_l
Battery over voltage threshold
-25
-
-
V
VS_ov_h
-
27.5
-
30
V
CP_uv
Charge Pump under voltage
threshold
-
VS+2.8 VS+3.1 VS+3.4
V
tFILT_uv_VR1
VR1 under-voltage filtering
time
Guaranteed by scan
-
200
-
μs
tFILT_uv_VR2
VR2 under-voltage filtering
time
Guaranteed by scan
-
200
-
μs
tFILT_uv_VADC
VADC under-voltage filtering
time
Guaranteed by scan
-
200
-
μs
tFILT_ov_VR1
VR1 over-voltage filtering time Guaranteed by scan
-
200
-
μs
tFILT_ov_VR2
VR2 over-voltage filtering time Guaranteed by scan
-
200
-
μs
tFILT_ov_VADC
VADC over-voltage filtering
time
Guaranteed by scan
-
200
-
μs
tFILT_VS_uv
Vs under-voltage filtering time
Guaranteed by scan
-
64
-
μs
tFILT_VS_ov
Vs over-voltage filtering time
Guaranteed by scan
-
64
-
μs
tFILT_CP_uv
CP under-voltage filtering time Guaranteed by scan
-
64
-
μs
RSTN1_l
RSTN1 low level
1 mA input current
-
-
1
V
RSTN2_l
RSTN2 low level
1 mA input current
-
-
1
V
ADCMON_l
ADCMON low level
1 mA input current
-
-
1
V
tRSTN1_act
RSTN1 active pulse duration
Guaranteed by scan
-
15
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com