Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9001 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9001
Description  Automotive power supply IC with multiple voltage regulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9001 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9001 Datasheet HTML 12Page - STMicroelectronics L9001 Datasheet HTML 13Page - STMicroelectronics L9001 Datasheet HTML 14Page - STMicroelectronics L9001 Datasheet HTML 15Page - STMicroelectronics L9001 Datasheet HTML 16Page - STMicroelectronics L9001 Datasheet HTML 17Page - STMicroelectronics L9001 Datasheet HTML 18Page - STMicroelectronics L9001 Datasheet HTML 19Page - STMicroelectronics L9001 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Power supply
L9001
16/38
DS12089 Rev 2
5.3
VDD2 regulator
The device integrates a second configurable BUCK/LDO regulator VDD2, whose output
voltage can be adjusted between 0.8 V and 5 V and so it can be adapted to supply uC core
voltage.
The BUCK/LDO mode can be selected through CONF2 pin as described in Section 5.1; the
current capability depends on the chosen option and is specified in Table 10.
The output voltage can be adjusted by adequately sizing the external divider in order to
have the specified feedback reference voltage on the FB2 input pin.
The input voltage of VDD2 regulator is VR1 and this input can be connected to:
VS supply voltage, in a configuration in which VDD2 is directly supplied from battery;
VDD1 output, in a configuration in which VDD2 is supplied by VDD1 pre regulator.
The connection of VR1 to VS battery will automatically disable VDD1 (as explained in the
previous section) as the device does not allow the independent operation of VDD1 and
VDD2 both supplied from battery. As a consequence, when both regulators are operating,
the external load applicable on VDD1 is 1 A reduced by the input current of VDD2 regulator.
When VDD2 regulator input is connected to VS supply, the output voltage in buck mode
cannot reach voltages lower than 2.5 V, whereas there are no limitations in LDO mode.
The output voltage of VDD2 regulator (which is generated by the buck or directly V20 in
case of LDO mode) can be directly used by external loads and must be connected also to
pin VR2. In fact VR2 is the output of a LDO bypass regulator which is used to keep
regulation active when output current demand decreases below a specified threshold
ILIM_BP2 (bypass mode). In this bypass mode, the reference feedback voltage FB2 is
regulated according to the FB2_byp parameter. Such mode is used for example when the
system needs to reduce the overall consumption by entering the Low Power mode (see
dedicated Section 8.2.4 for details)
To guarantee full flexibility in the system power supply architecture, VDD2 regulator can also
be disabled, if application does not require it. This can be done by shorting the FB2 output
pin to VS.
Lout1
Inductor at VR1
Application info
-
22
-
μH
ESR_Cout1
Eq. series resistance for
Cout1
Application info
-
-
50
mΩ
Cvs1
VS bypass capacitor
Application info
-
100
-
nF
Cvs2
-
4.7
-
μF
1. For further load/line transient details, please refer to AN5163.
Table 9. VDD1 regulator parameters (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com