Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 45Page - STMicroelectronics SPSB100PTR Datasheet HTML 46Page - STMicroelectronics SPSB100PTR Datasheet HTML 47Page - STMicroelectronics SPSB100PTR Datasheet HTML 48Page - STMicroelectronics SPSB100PTR Datasheet HTML 49Page - STMicroelectronics SPSB100PTR Datasheet HTML 50Page - STMicroelectronics SPSB100PTR Datasheet HTML 51Page - STMicroelectronics SPSB100PTR Datasheet HTML 52Page - STMicroelectronics SPSB100PTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 213 page
background image
4
Protection, diagnosis and monitoring signals
4.1
Supply monitoring
4.1.1
VS pin
The battery line is monitored through a VS pin.
The VS input voltage is monitored through analog comparators and the ADC:
•
VS input voltage can be read back by SPI access, by VS[9..0].
•
The ADC is used to detect under voltage early warnings (flagged by VS_UV_EW bit).
The thresholds are programmable by SPI (VS_UV_EW_TH[4..0]) and an interrupt is issued when thresholds are
crossed except if MASK_VS_EW_IRQ is set.
4.1.2
FBB pin
The FBB input voltage is monitored through analog comparators and the ADC:
•
Analog comparator is used to detect over and undervoltages. The reaction to a FBB voltage fault is
described in the Section 3.6.2.6: FBB voltage drop management.
•
An analog comparator is used to detect over voltage. The flag is FBB_OV and generates an IRQ except if
MASK_FBB_OV_IRQ is set. The state machine executes a power down sequence to enter in DEEP-
SLEEP.
•
An analog comparator is used to detect undervoltage. The flag is FBB_UV and generates an IRQ except if
MASK_FBB_UV_IRQ is set. The state machine executes a power down sequence to enter in DEEP-
SLEEP.
•
The ADC is used to detect overvoltage early warnings (flagged by FBB_OV_EW bit).
•
The ADC is used to detect undervoltage early warnings (flagged by FBB_UV_EW bit).
•
The thresholds are programmable by SPI (FBB_OV_EW_TH[3..0]) and an interrupt is issued when
thresholds are crossed except if MASK_FBB_OV_EW_IRQ is set.
•
The thresholds are programmable by SPI (FBB_UV_EW_TH[3..0]) and an interrupt is issued when
thresholds are crossed, except if MASK_FBB_UV_EW_IRQ is set.
•
The result of ADC conversion is also readable back via SPI, by FBB[9..0].
4.1.3
VIO pin
VIO voltage is monitored through an analog comparator and digital communication is blocked if VIO voltage is
below VVIO_UV threshold for a delay higher than TF_VIO_UV (flag is VIO_UV bit).
4.2
Regulators output voltage protection
The 3 BUCKs and LDO2 outputs are monitored through analog comparators to detect over and undervoltages.
(through BUCKx_UV, BUCKx_OV, LDO2_UV and LDO2_OV bits). The reaction to a fault is described in the
Section 3.6.2.5: Regulator faults management. In addition, LDO2 is also turned OFF when the tracked regulator is
turned OFF in reaction to a fault.
When a regulator is turned ON, by SPI or power-up sequence, a short to ground is detected if the output voltage
does not reach the power-good threshold in the time-out period (BUCKx_PG_TIMEOUT bit), in such case the
regulator is switched OFF.
In addition, when turned ON through the SPI, an interrupt is generated as soon as their output voltage reaches
the power-good threshold(BUCKx_PG and LDO2_PG bits).
Latent fault detection of OV, UV, PG analog comparators is insured by Analog-BIST.
Latent fault of regulator monitor handler is insured by Digital-BIST.
4.3
Boost and bypass Vds monitoring
The BOOST driver includes a comparator to monitor the voltage drop across the boost external transistor. The
voltage is monitored between DLB and GND pins.
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 2
page 49/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com