Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 52 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 52 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 48Page - STMicroelectronics SPSB100PTR Datasheet HTML 49Page - STMicroelectronics SPSB100PTR Datasheet HTML 50Page - STMicroelectronics SPSB100PTR Datasheet HTML 51Page - STMicroelectronics SPSB100PTR Datasheet HTML 52Page - STMicroelectronics SPSB100PTR Datasheet HTML 53Page - STMicroelectronics SPSB100PTR Datasheet HTML 54Page - STMicroelectronics SPSB100PTR Datasheet HTML 55Page - STMicroelectronics SPSB100PTR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 213 page
background image
4.8
HW low-level monitors
The SPSB100 integrates asynchronous monitors of low-level blocks in ACTIVE-FULL-POWER mode and REC-1
states:
•
Voltage difference between main and monitoring digital and analog power supplies (INT_REG_UV,
INT_REG_OV bits).
•
Current difference between main and monitoring current sources (CURRENT_MISMATCH bit).
and synchronous monitors of:
•
Frequency difference between main and redundant oscillators (OSC_ERROR bit).
•
State machine’s state by comparison of main and redundant State machine(FSM_COMP_ERROR bit).
•
NVM data by:
–
Comparison of NVM data and redundant registers (NVM_COMP_ERROR bit).
–
CRC check at NVM download(NVM_CRC_ERROR bit).
•
Safety critical SPI registers by comparison of main and redundant registers (SPI_REG_COMP_ERROR bit
generates an IRQ except if MASK_SPI_ERROR_IRQ is set).
•
Ground loss connection by cross-checking ground domains(GNDLOSS bit).
A fault detected by low-level monitors trigs a power-down sequence and SPSB100 reaches the DEEP-SLEEP
state. In such situation, after a wake-up event (except for OSC_ERROR where SPSB100 restarts automatically if
oscillators recover their frequencies), all SPI registers are reset except HW low-level monitor flags and SPSB100
transit to START-SM state.
Figure 30. HW low level monitors
HW monitor errors are:
4.9
Communication interface
The SPI communication protocol embeds the following safety mechanisms:
•
A 4-bit CRC SPI_CRC_ERR is set in case of error detected, and an IRQ is generated except if
MASK_SPI_ERROR_IRQ is set.
•
Clock monitor: during communication (CSN low phase) a clock monitor counts the valid CLK edges. If the
CLK edges do not correlate with the SPI data length then SPI_CLK_CNT is set, an IRQ is generated
except if MASK_SPI_ERROR_IRQ is set, the actual communication is rejected.
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 2
page 52/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com