Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 37 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 33Page - STMicroelectronics SPSB100PTR Datasheet HTML 34Page - STMicroelectronics SPSB100PTR Datasheet HTML 35Page - STMicroelectronics SPSB100PTR Datasheet HTML 36Page - STMicroelectronics SPSB100PTR Datasheet HTML 37Page - STMicroelectronics SPSB100PTR Datasheet HTML 38Page - STMicroelectronics SPSB100PTR Datasheet HTML 39Page - STMicroelectronics SPSB100PTR Datasheet HTML 40Page - STMicroelectronics SPSB100PTR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 213 page
background image
3.8
User's NVM modification procedure
SPSB100 integrates nonvolatile memory (NVM) to store ST factory trim data and customer’s personalization data.
Trim data are stored in ST-NVM space while customer’s data are stored in USER-NVM space.
SPSB100 is delivered out of ST factory with default values stored in USER-NVM space. Default value ensures a
proper behavior of application with SR6x microcontroller as in configuration 1 shown in the Figure 5, details of
default power-up and power-down settings can be found in the Section 3.1.1: System supply configuration 1.
The customer has the possibility to reprogram USER-NVM space only once; or use default values stored by ST.
The U_NVM_RELEASE<15:0> bits in USER-NVM space can be used to store a USER-NVM configuration
release. The default value is 0d.
The Figure 24 describes the way to program the NVM. The following color code is used to indicate the offered
possibilities:
•
Green: SPSB100 starts up with valid data stored in ST-NVM and USER-NVM (USER-NVM previously
programmed by ST or by the customer).
•
Blue: SPSB100 enters in the USER-NVM programming procedure.
•
Orange: USER-NVM emulation feature is used.
Figure 24. Procedure to program the NVM
Power
-OFF
START -UP
state
any
STATE
INIT
state
Digital reset
OK
NOK
PM100 unpowered
U-NVM-DL
state
U-NVM-PROG-1
state
SPI cmd “GO_INIT”
START -SM
state
User’s NVM program mode
SPI cmd “U-NVM_PROG”
U-NVM-PROG-2
state
ST-NVM-DL
state
V
VS
> V
PORVS_R
VVS < VPORVS_F
VVS < VPORVS_F
VVS < VPORVS_F
( ST-NVM CRC OK
AND U-NVM CRC OK
AND U-PROG = 00
AND SWDBG ≥ 12V ) ?
Y
N
3.8.1
Starts-up with valid NVM data and NVM faults management
The ST-NVM data are read in ST-NVM-DL state, then USER-NVM data are read in U-NVM_DL state.
If the conditions to enter in USER-NVM modification procedure are not meet the state machine proceeds to INIT
state where further safety check will be performed.
3.8.2
USER-NVM emulation
It is possible to emulate the USER-NVM content using the data stored in RAM image.
This can only be done when the USER-NVM has not been programmed by user.
To do it, force the voltage on SWDBG higher than VNVM_EMU_H (20 V max), before plugging the power supply,
to enter in USER-NVM modification mode. The modification mode is entered after current ST- and U- NVM data
have been read and their CRC checked.
First the state machine enters the USER-NVM-PROG-1 state. In this state the user must supply VIO externally
(3.3 or 5.0 V).
At this stage, the SWDBG pin can be released and do not have to be maintained higher than VNVM_EMU_H.
Then user can modify USER-NVM RAM through SPI access and the U_NVM SPI registers from DCR10 up to
DCR28 can be written.
When completed, the user can set through SPI access the GO_INIT. Doing this, the state machine transits on
INIT state.
It is forbidden to enable regulators in the USER-NVM-PROG-1 state.
SPSB100
Functional description
DS14640 - Rev 2
page 37/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com