Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 5 Page - STMicroelectronics

  SPSB100PTR Datasheet HTML 1Page - STMicroelectronics SPSB100PTR Datasheet HTML 2Page - STMicroelectronics SPSB100PTR Datasheet HTML 3Page - STMicroelectronics SPSB100PTR Datasheet HTML 4Page - STMicroelectronics SPSB100PTR Datasheet HTML 5Page - STMicroelectronics SPSB100PTR Datasheet HTML 6Page - STMicroelectronics SPSB100PTR Datasheet HTML 7Page - STMicroelectronics SPSB100PTR Datasheet HTML 8Page - STMicroelectronics SPSB100PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 213 page
background image
#
Name
Description
I/O type
15
GLB
Gate driver of external low-side MOS of BOOST
O
16
PGND3
BUCK3 power ground
-
17 PGND3, 2nd pin Current capability (pin description see above)
-
18 PGND3, 3rd pin Current capability (pin description see above)
-
19
PH3
Switching node BUCK3
I/O
20
PH3, 2nd pin
Current capability (pin description see above)
O
21
PH3, 3rd pin
Current capability (pin description see above)
O
22
PH3, 4th pin
Current capability (pin description see above)
O
23
BST3
Boot-strap capacitor to supply BUCK3 high-side MOS gate-driver circuitry
-
24
VIN3
Input voltage BUCK3
I
25
VIN3, 2nd pin
Current capability (pin description see above)
I
26
VIN3, 3rd pin
Current capability (pin description see above)
I
27
FB3
BUCK3 feedback voltage (to internal voltage monitors)
I
28
COMP3
BUCK3 error amplifier compensation network
-
29
NFSO1
Fail-safe output (active low, open drain)
O
30
SWDBG
Debug input to deactivate the window watchdog (active high) and entering pin for NVM
emulation mode
I
31
FIN1
FCCU sequence input
I
32
N.C.(1)
Not connected
-
33
N.C.(1)
Not connected
-
34
SGND
Signal ground (analog and digital reference)
-
35
VIO
I/O power supply (3.3 V or 5 V)
I
36
IRQ
Interrupt (open drain)
O
37
SDO
SPI serial data output
O
38
CSN
SPI chip select not input
I
39
CLK
SPI serial clock input
I
40
SDI
SPI serial data input
I
41
NRST
Reset output to microcontroller, internal pull-up (open drain)
O
42
FB1
BUCK1 feedback voltage (to internal voltage monitors)
I
43
COMP1
BUCK1 error amplifier compensation network
-
44
PGND1
BUCK1 power ground
-
45 PGND1, 2nd pin Current capability (pin description see above)
-
46
PH1
Switching node BUCK1
I/O
47
PH1, 2nd pin
Current capability (pin description see above)
O
48
BST1
Boot-strap capacitor to supply BUCK1 high-side MOS gate-driver circuitry
-
49
VIN12
Input voltage BUCK1 and BUCK2
I
50
VIN12
Current capability (pin description see above)
I
51
BST2
Boot-strap capacitor to supply BUCK2 high-side MOS gate-driver circuitry
-
52
PH2
Switching node BUCK2
I/O
53
PH2, 2nd pin
Current capability (pin description see above)
O
54
PGND2
BUCK2 power ground
-
SPSB100
Block diagram and pin description
DS14640 - Rev 2
page 5/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com