Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 78 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 74Page - STMicroelectronics SPSB100PTR Datasheet HTML 75Page - STMicroelectronics SPSB100PTR Datasheet HTML 76Page - STMicroelectronics SPSB100PTR Datasheet HTML 77Page - STMicroelectronics SPSB100PTR Datasheet HTML 78Page - STMicroelectronics SPSB100PTR Datasheet HTML 79Page - STMicroelectronics SPSB100PTR Datasheet HTML 80Page - STMicroelectronics SPSB100PTR Datasheet HTML 81Page - STMicroelectronics SPSB100PTR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 213 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN12_L
Input voltage range
Vout_buck2 = 3.3 V
6
14
29
V
Vout_buck2_33(1)
Output voltage
BUCK2_PU_VALUE = 00
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
3.23
3.3
3.399
V
Vout_buck2_5(1)
Output voltage
BUCK2_PU_VALUE = 01
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
4.9
5
5.15
V
Vout_buck2_65(1)
Output voltage
BUCK2_PU_VALUE = 1x
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
6.37
6.5
6.695
V
Vout_UV_buck2_err
Output undervoltage threshold
monitor range
86
90
94
%
Vout_PG_buck2
Output power-good threshold
monitor range
88
92
96
%
Vout_OV_ buck2_err
Output overvoltage threshold
monitor range
103
107
111
%
tbuck2_PG_TO(2)
Output power-good time-out
4.8
6
7.5
ms
tbuck2_UV_TO(2)
Vout undervoltage time-out filter
25
30
41
µs
tbuck2_OV_TO(2)
Vout overvoltage time-out filter
25
30
41
µs
RDSON_HS_buck2_25
HS switch ON resistance at 1.5 A
VIN12 = 14 V
Tj = 25 °C
-
0.095 0.12
Ω
RDSON_HS_buck2_130
HS switch ON resistance at 1.5 A
VIN12 = 14 V
Tj = 130 °C
-
-
0.165
Ω
RDSON_LS_buck2_25
LS switch ON resistance at 1.5 A
VIN12 = 14 V
Tj = 25 °C
-
0.095 0.12
Ω
RDSON_LS_buck2_130
LS switch ON resistance at 1.5 A
VIN12 = 14 V
Tj = 130 °C
-
-
0.165
Ω
Ilimit_buck2_000
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 000
1.7
2
2.3
A
Ilimit_buck2_001
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 001
2.125
2.5
2.875
A
Ilimit_buck2_010
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 010
2.55
3
3.45
A
Ilimit_buck2_011
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 011
2.975
3.5
4.025
A
Ilimit_buck2_100
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 100
3.2
4
4.6
A
Ilimit_buck2_101
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 101
3.5
4.5
5.175
A
Ilimit_buck2_11x
Peak switching current limit at VIN12
= 14 V
BUCK2_IPEAK = 11x
3.75
5
5.75
A
tbuck2_OC_TO(2)
Over current filter time
125
150
200
µs
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 78/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com