Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 56Page - STMicroelectronics SPSB100PTR Datasheet HTML 57Page - STMicroelectronics SPSB100PTR Datasheet HTML 58Page - STMicroelectronics SPSB100PTR Datasheet HTML 59Page - STMicroelectronics SPSB100PTR Datasheet HTML 60Page - STMicroelectronics SPSB100PTR Datasheet HTML 61Page - STMicroelectronics SPSB100PTR Datasheet HTML 62Page - STMicroelectronics SPSB100PTR Datasheet HTML 63Page - STMicroelectronics SPSB100PTR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 213 page
background image
Figure 35. SDO frame
FE1
DE
FS
15
14
13
12
11
10
9
7
6
5
4
3
2
1
0
Global Status Byte (GSB)
DATA Byte 2
DATA Byte 1
8
RSTB
GSBN
GW
SPIE FE2
MSB
LSB
time
time
time
23
22
21
20
19
18
17
DATA Byte 3
16
time
CRC
CRC
CRC
CRC
5.2.2.6
Global status byte (GSB)
Bits 0 to 5 represent a logical OR combination of bits located in the status registers. Therefore, no direct read and
clear can be performed on these bits inside the GSB.
Table 11. Global status byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GSBN
RSTB
SPIE
RES
FE1
DE
GW
FS
•
Global status bit not (GSBN)
The GSBN is a logically NOR combination of bit 0 to bit 6. This bit can also be used as a global status flag
without starting a complete communication frame as it is present directly after pulling CSN low.
OUTHS open load can be masked in GSBN by setting bit MASK_OL_GSB.
Global warning can be masked in GSBN by setting bit MASK_GW_GSB.
•
Reset bit (RSTB)
The RSTB indicates a SPSB100 reset. In case this bit is set, all internal control and status registers are set
to default.
The RSTB bit is cleared after a read and clear of the VPOR bit in the status registers which caused the
reset event.
•
SPI error (SPIE)
•
Functional error 1 (FE1)
The FE1 is a logical OR combination of errors coming from functional blocks.
•
Device error (DE)
The DE is a logical OR combination of errors related to device specific blocks.
•
Global warning (GW)
The GW is a logical OR combination of warning flags (for example, thermal warning).
Thermal warning can be masked in GW by setting bit MASK_TW_GW.
•
Fail-safe (FS)
The FS bit indicates that the device was forced into a safe state due to mistreatment or critical internal
errors (for example, watchdog failure, voltage regulator failure).
5.2.2.7
Data-out payload
The data-out payload (20 data bits + 4 CRC bits) is the data transferred from the target device within every SPI
communication to the controller device.
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 60/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com