Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 23Page - STMicroelectronics SPSB100PTR Datasheet HTML 24Page - STMicroelectronics SPSB100PTR Datasheet HTML 25Page - STMicroelectronics SPSB100PTR Datasheet HTML 26Page - STMicroelectronics SPSB100PTR Datasheet HTML 27Page - STMicroelectronics SPSB100PTR Datasheet HTML 28Page - STMicroelectronics SPSB100PTR Datasheet HTML 29Page - STMicroelectronics SPSB100PTR Datasheet HTML 30Page - STMicroelectronics SPSB100PTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 213 page
background image
Figure 16. State machine details onTSDC fault
ACTIVE
state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
TSD event & T ° cooled down & cnt < 3
Execute
Power-Up
sequence
Finished OK
DEEP-SLEEP
state
INIT
state
Wake-up
event
REC-1
state
TSDC
Execute
Power-Down
sequence
REC-2
state
TSD event & not T ° cooled down
TSD event & cnt ≥ 3
TSDC
NFSO asserted
VFBB_OK_R < VFBB < VFBB_OV
* when LOW_SET = 1111, watchdog service is disabled
(WD LOW trigger OK*) & (all flag cleared)
3.6.2.5
Regulator faults management
Each SPSB100 regulator has the following monitors:
•
Temperature sensor with a warning threshold (TW) and a shut-down threshold (TSD)
•
Undervoltage comparator (UV) except for LDO1
•
Overvoltage comparator (OV)
•
Power-good comparator (PG_TIMEOUT)
•
Overcurrent comparator (OC) on BUCKs
•
Internal regulator comparator (INT_FAIL) on BUCKs
•
FB pin disconnection (FBLOSS for BUCK1 and BUCK2)
The user can decide how SPSB100 shall react on an event of those monitors, this is done through the USER-
NVM bit REGFAIL_GO_REC of each of them.
A TW event sets the associated flag and generates an interruption, while the reaction to a TSD, UV,
PG_TIMEOUT, OC, INT_FAIL, FBLOSS and OV event depends on the regulator REGFAIL_GO_REC bit.
When REGFAIL_GO_REC is set to ‘1’, a fault detected on regulator TSD, UV, PG_TIMEOUT, OC, INT_FAIL,
FBLOSS and OV monitors will initiate a power-down sequence, then the state machine transits to INIT state and
runs a power-up sequence: if a fault is detected then the retry sequence described in the Section 3.6.2.3: Power-
up fault management is executed. In the case of TSD the SPSB100 reaction is the same as for the TSDC event
described in the Section 3.6.2.4: Central thermal sensor fault management.
A fault event counter REG_FAIL_CNT is incremented when a power-down sequence is initiated by a regulator
fault event. When the counter reaches 3, SPSB100 transits to DEEP-SLEEP state where the counter is reset and
the SPI flag FORCED_SLEEP_REGFAIL is set. REG_FAIL_CNT is cleared by SPI bit CLR_REG_FAIL_CNT.
SPSB100
Functional description
DS14640 - Rev 2
page 27/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com