Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 18Page - STMicroelectronics SPSB100PTR Datasheet HTML 19Page - STMicroelectronics SPSB100PTR Datasheet HTML 20Page - STMicroelectronics SPSB100PTR Datasheet HTML 21Page - STMicroelectronics SPSB100PTR Datasheet HTML 22Page - STMicroelectronics SPSB100PTR Datasheet HTML 23Page - STMicroelectronics SPSB100PTR Datasheet HTML 24Page - STMicroelectronics SPSB100PTR Datasheet HTML 25Page - STMicroelectronics SPSB100PTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 213 page
background image
•
Overtemperature detection by local thermal sensor (flag is TSD_CL4, see also the
Section 4.7: Temperature monitoring) and LDO2 is switched off.
•
After a fault detection (UV, OV, TSD_CL4 or PG timeout), LDO2 can be re
‑enabled by setting LDO2_ENA =
0 followed by LDO2_ENA = 1, even if fail flags are not cleared.
•
LDO2 is switched off if a fault on the track regulator is detected.
•
In active and REC-1 states, when LDO2_REGFAIL_GO_REC is set at 1 in USER-NVM, in case of PG
timeout, OV, UV or TSD events the device executes a power down sequence, enters in REC-2 state and
makes an automatic retry.
3.5
Operating modes
The device can work in a normal operation mode (ACTIVE state - FULL-POWER mode) or in a reduced operation
mode (ACTIVE state - LOW-POWER mode).
The transition between FULL-POWER and LOW-POWER mode is managed by SPI command (LOW_POWER_
SET control bit, only after SPI_PROTECT_ACCESS has been set).
In ACTIVE state the device is fully controllable and configurable through SPI.
Moreover, a DEEP-SLEEP state is available to minimize current consumption during not-operating time frames by
SPI command DO_POWER_DOWN (only after SPI_PROTECT_ACCESS has been set). Status bits DEEP-
SLEEP_FROM_DO_POWER_DOWN will be set at “01” if transition from active state or “1x” if transition from
REC-1 state.
DEEP-SLEEP_FROM_DO_POWER_DOWN can be cleared by
CLR_DEEP_SLEEP_FROM_DO_POWER_DOWN bit.
3.5.1
Wake-up from DEEP-SLEEP to ACTIVE state
A wake-up from DEEP-SLEEP state will transit the device to INIT state as described in the Section 3.6.3: States
and transitions description.
To avoid disabling all wake-up capability, a hard protection is implemented: the SPI writing to disable the last
wake-up possibility define in the Table 7 is not taken into account and a status register bit
SPI_ALL_WAKEUP_DISABLE is set and generates an IRQ except if MASK_SPI_ERROR_IRQ is set.
Current consumption in DEEP-SLEEP mode is calculated as IVS_DP + wake-up current consumption
contributions.
This can be initiated by one or more of the following events:
Table 7. Wake-up events description
Wake up source
Description
Flag
Level change of wake-up (WU) Can be configured by SPI (WU_ENA(1) bit)
WU_WAKE
Level change of wake-up (IGN) Can be configured by SPI (IGN_ENA(1) bit)
IGN_WAKE
Cyclic monitoring (WU)
Can be configured by SPI (WU_FILT bit with TIMER_ENA = 1)
WU_WAKE
Cyclic monitoring (IGN)
Can be configured by SPI (IGN_FILT bit with TIMER_ENA = 1)
IGN_WAKE
Timer
Can be configured by SPI (TIMER_WAKE_ENA bit with TIMER_ENA = 1)
TIMER_WAKE
1. Wake-up event can be missed during SPI writing to DO_POWER_DOWN = 1.
3.5.2
Wake-up events in ACTIVE mode
All enabled wake-up events described in the Table 7 in ACTIVE mode are signaled to the microcontroller by an
interrupt request on IRQ pin.
3.6
Functional overview - State machine
To make the reading easier the State machine description has been split in three parts: first the state diagram is
presented with the normal transitions (see the Section 3.6.1: State machine without fault transitions), then
transitions resulting to a fault event detection are exposed (see the Section 3.6.2: State machine focusing on fault
transitions), finally the full state machine is described and states and transitions detailed (see the
Section 3.6.3: States and transitions description).
SPSB100
Functional description
DS14640 - Rev 2
page 22/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com