Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 67Page - STMicroelectronics SPSB100PTR Datasheet HTML 68Page - STMicroelectronics SPSB100PTR Datasheet HTML 69Page - STMicroelectronics SPSB100PTR Datasheet HTML 70Page - STMicroelectronics SPSB100PTR Datasheet HTML 71Page - STMicroelectronics SPSB100PTR Datasheet HTML 72Page - STMicroelectronics SPSB100PTR Datasheet HTML 73Page - STMicroelectronics SPSB100PTR Datasheet HTML 74Page - STMicroelectronics SPSB100PTR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 213 page
background image
Ground loss protection parameter depends mainly on the implementation. This monitor measures a ground shift
between GND and SGND pins.
7.3
Oscillator
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 24. Oscillator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
FCLK800K
Oscillation frequency
640
800
960
kHz
FCLK33M6_MAIN
Oscillation frequency
26.88
33.6
40.32
MHz
FCLK33M6_MON
Oscillation frequency
26.88
33.6
40.32
MHz
7.4
Power-on reset
All outputs open; Tj = -40 °C to 150 °C, unless otherwise specified.
Table 25. Power-on reset
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VPORVS_R
VS POR rising threshold
4.5
4.85
5.2
V
VPORVS_F(1)
VS POR falling threshold
1.9
2.1
2.3
V
VPORVS_HYS
VS POR hysteresis
2.5
2.75
3
V
1. This threshold is valid if VS had already reached VPORVS_R(max) previously.
7.5
LDO1 voltage regulator
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 26. LDO1
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VLDO1
Output voltage tolerance.
Including line and load regulation
ILOAD = 100 µA to 120 mA
6.0 V ≤ VFBB ≤ 29 V
4.9
5.0
5.15
V
VLDO1_PG
Power-good rising threshold
VLDO1 increasing
4.6
4.8
4.9
V
VLDO1_UV
Undervoltage falling threshold
VLDO1 decreasing
3.8
4.0
4.1
V
tLDO1_PG_TO(1)
LDO1 timeout for power-good
4.8
6
7.5
ms
tLDO1_UV(1)
Undervoltage filter time
12
15
22
µs
VLDO1_DP
Drop-out voltage
ILOAD = 120 mA
-
-
0.8
V
ILDO1_Cmax
Short circuit output current (to GND)
Current limitation
130
175
250
mA
CLDO1(2)
Load capacitor1
Ceramic (±20%)
1
-
10
µF
1. Digital implementation is guaranteed by scan test.
2. Nominal capacitor value required for stability of the regulator. Tested with 1 µF ceramic (± 20%). The capacitor must be
located close to the regulator output pin. A 2.2 μF capacitor value is recommended to minimize the DPI (Direct power
injection ) stress in the application.
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 71/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com