Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 47Page - STMicroelectronics SPSB100PTR Datasheet HTML 48Page - STMicroelectronics SPSB100PTR Datasheet HTML 49Page - STMicroelectronics SPSB100PTR Datasheet HTML 50Page - STMicroelectronics SPSB100PTR Datasheet HTML 51Page - STMicroelectronics SPSB100PTR Datasheet HTML 52Page - STMicroelectronics SPSB100PTR Datasheet HTML 53Page - STMicroelectronics SPSB100PTR Datasheet HTML 54Page - STMicroelectronics SPSB100PTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 213 page
background image
If the temperature of a cluster reaches the thermal warning threshold then a dedicated status flag (TW_CLx bit) is
set and an interrupt is issued.
If the temperature of a cluster reaches the thermal shutdown threshold then a dedicated status flag is set, the
outputs assigned to that cluster are shut down and depending on their configuration bit REGFAIL_GO_REC all
outputs are shut down or not as described in the Section 3.6.2.5: Regulator faults management.
Figure 29. Thermal cluster identification
Thermal Cluster 0
Thermal Cluster 1
Thermal Cluster 2
Thermal Cluster 3
Thermal Cluster 4
1
56
SGND
CSN
SDO
SDI
CLK
NRST
VIO
N.C.
VS
WU
OUT_HS
VREG
FIN1
NFSO1
FB1
LDO2
GBY
LDO1
FBB
FB2
IRQ
IGN
SWDBG
GND
GLOBAL
DLB
N.C.
N.C.
N.C.
Table 9. Thermal cluster definition
Th_CL0
Th_CL1
Th_CL2
Th_CL3
Th_CL4
LDO1, central
BUCK1
BUCK2
BUCK3
LDO2
TW digitally managed
TSDC analog managed
TW and TSD
Both digitally managed
TW and TSD
Both digitally managed
TW and TSD
Both digitally managed
TW and TSD
Both digitally managed
Clusters temperature is converted through the ADC and readable by SPI (through TEMP_CLx[9..0] bits), only in
active full-power mode
Note:
•
In the DEEP-SLEEP state all clusters are disabled.
•
In active low power all clusters are disabled except Th_CL0 to detect TSDC.
Monitoring of central thermal cluster is insured by analog comparator, while other thermal clusters are monitored
through the ADC.
Latent fault detection of TSDC thermal comparator is covered by Analog-BIST.
Latent fault detection of digital thermal monitor and ADC handler is covered by a Digital-BIST.
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 2
page 51/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com