Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 59Page - STMicroelectronics SPSB100PTR Datasheet HTML 60Page - STMicroelectronics SPSB100PTR Datasheet HTML 61Page - STMicroelectronics SPSB100PTR Datasheet HTML 62Page - STMicroelectronics SPSB100PTR Datasheet HTML 63Page - STMicroelectronics SPSB100PTR Datasheet HTML 64Page - STMicroelectronics SPSB100PTR Datasheet HTML 65Page - STMicroelectronics SPSB100PTR Datasheet HTML 66Page - STMicroelectronics SPSB100PTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 213 page
background image
<Device No. 4>: 4EH (ASCII code for N)
<Device No. 5>: 01H: SPSB100B and SPSB100P
5.2.3.1.2
SPI modes
By reading out the <SPI Mode> register general information of SPI usage of the device application registers can
be read.
Table 16. SPI mode register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BR
FL2
FL1
FL0
SPI8
0
S1
S0
0
0
1
1
0
0
1
0
<SPI Mode>: 32H (no burst mode available, 32 bit, CRC used)
5.2.3.1.3
CRC
SDI:
The CRC check is performed on the complete communication frame using the polynomial (X4 + X + 1).
The frame is valid only if the result of the CRC check is equal to ‘0’. If not, the frame is rejected and a SPIE bit is
set.
SDO:
CRC is calculated on GSB + data -4 bit and the 4-bits result is saved in data LSB_3 to data LSB_0.
Figure 36. CRC (cyclic redundancy check) calculation
GSB
Data
CRC3(*)
CRC2(*)
CRC1(*)
CRC0(*)
CRC check
Exceptions:
The CRC field is not inserted when device information is read in ROM registers.
5.2.3.2
Watchdog definition
For more details, refer to the Section 3.10: Configurable time-out window watchdog.
The watchdog default settings can be read out via the device information registers.
Table 17. WD Type/Timing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
<WD Type 1>
0
1
x
x
x
x
x
x
Watchdog long open window WT[5:0]
<WD Type 2>
1
0
0
1
0
0
0
1
Open window OW[2:0]
Closed window CW[2:0]
<WD Type 1>: long open window: reflects the value of LOW_SET(1:0) bits of USER-NVM
<WD Type 2>: 91H (open window. 10 ms, closed window: 5 ms)
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 2
page 63/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com