Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 38Page - STMicroelectronics SPSB100PTR Datasheet HTML 39Page - STMicroelectronics SPSB100PTR Datasheet HTML 40Page - STMicroelectronics SPSB100PTR Datasheet HTML 41Page - STMicroelectronics SPSB100PTR Datasheet HTML 42Page - STMicroelectronics SPSB100PTR Datasheet HTML 43Page - STMicroelectronics SPSB100PTR Datasheet HTML 44Page - STMicroelectronics SPSB100PTR Datasheet HTML 45Page - STMicroelectronics SPSB100PTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 213 page
background image
To avoid extra current drain consumption in deep sleep due to the external pull up on NFSO1 pin, the default state
can be selected by user-NVM bit NFSO_STATE_IN_DEEP_SLEEP. When, NFSO_STATE_IN_DEEP_SLEEP = 0,
the NFSO1 pin is asserted (level low), instead when NFSO_STATE_IN_DEEP_SLEEP = 1, the NFSO1 in de-
asserted (level high) in DEEP-SLEEP.
Note:
NFSO1 state is HIGH, instead of LOW after a wake-up from DEEP-SLEEP when
NFSO_STATE_IN_DEEP_SLEEP = 1. So, it is suggested, to set after a wake-up from DEEP SLEEP the
NFSO_ASSERT_LOW = “1” then to set NFSO_ASSERT_LOW = “0”. NFSO1 pin level is defined by external
pull-up.
The state machine can only set NFSO_ASSERT_LOW to 1, while the MCU can set, reset and read it, making
NFSO1 pin fully controllable by the MCU in ACTIVE state.
The SPI bit NFSO1_ECHO is sensing the NFSO1 state on its silicon pad:
•
NFSO1_ECHO = 0: NFSO1 output pad is asserted low.
•
NFSO1_ECHO = 1: the NFSO1 output pad is pulled-up by external circuitry.
Figure 25. NFSO1 implementation details
After a battery plug, or after each power-up sequence, or during a power-down sequence, or in INIT, REC-1,
REC-2, DEEP-SLEEP states the NFSO1 pin is asserted low. This is insured by the state machine that sets the
SPI bit NFSO_ASSERT_LOW to 1. In ACTIVE state the MCU can decide to release the NFSO1 pin through the
SPI when the application is ready to start.
SPSB100
Functional description
DS14640 - Rev 2
page 42/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com