Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 31Page - STMicroelectronics SPSB100PTR Datasheet HTML 32Page - STMicroelectronics SPSB100PTR Datasheet HTML 33Page - STMicroelectronics SPSB100PTR Datasheet HTML 34Page - STMicroelectronics SPSB100PTR Datasheet HTML 35Page - STMicroelectronics SPSB100PTR Datasheet HTML 36Page - STMicroelectronics SPSB100PTR Datasheet HTML 37Page - STMicroelectronics SPSB100PTR Datasheet HTML 38Page - STMicroelectronics SPSB100PTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 213 page
background image
3.7
Power-up and power-down sequence
Power-up and power-down sequences turn ON and OFF all the regulators automatically. The sequences are
executed by the device state machine as described in the Section 3.6: Functional overview - State machine and
are fully programmable through the USER-NVM space to cover a broad range of applications.
The sequences control BUCK1, 2, 3 and LDO1, 2 regulators, together with NRST pin.
3.7.1
Power-up sequence
Power-up sequence is made of 7 steps as described below.
Figure 22. Power-up sequence
Step #N:
Turn ON regulators & deassert NRESET (*) if
their PU_STEP_ON (resp
PU_STEP_DEASSERT ) = N,
no action on others.
Start
(At least one regulator has
been turned ON) AND
(PU_WAIT_PG_ON <N> = 1)
?
Start TimeOut counter,
wait regulators PG signal
of just turned ON
regulators
Y
N
Wait for
PU_WAIT_DEL_ON <N> ms
Set N = N + 1
N ≥ 8 ?
Y
N
Set PUretry = 0
Finished OK
INIT
state
PG OK before
TimeOut
TimeOut
reached
Execute Power -
Down sequence
Set PUretry =
PUretry + 1
(PUretry ≤
3) OR
(PU_LOOP
_FOR_EV
ER = 1) ?
N
Power-Up sequence
Power-Up retry loop
set N=1
End
Wait 100ms
End
Retry loop
failed
Set PUretry = 0
Set PUretry = 0
NVM-DL
REGfail & GoREC=1 on
any enabled regulator
Safety checks OK
AND VFBB_OK_R < VFBB < VFBB_OV
Each of BUCK-1, -2, -3, and LDO-1, -2 can be turned ON with USER-NVM bits BUCK1_PU_STEP_ENA,
BUCK2_PU_STEP_ENA, BUCK3_PU_STEP_ENA, LDO1_PU_STEP_ENA, LDO2_PU_STEP_ENA at any step
from 1 to 7. None, or more than one regulator can be turned ON at a step.
The NRST pin can be deasserted at any step from 1 to 7, with USER-NVM bits NRESET_PU_STEP_DEASSERT
independently of regulators setting. Note that the watchdog time-out starts at the step where NRST is deasserted.
After a regulator has been turned ON at step N the sequence offers the possibility to wait for power-good signal
with USER-NVM bits PU_WAIT_PG_ENA_X (X equal to steps from 1 to 7):
SPSB100
Functional description
DS14640 - Rev 2
page 35/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com