Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100PTR Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPSB100PTR
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100PTR Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPSB100PTR Datasheet HTML 98Page - STMicroelectronics SPSB100PTR Datasheet HTML 99Page - STMicroelectronics SPSB100PTR Datasheet HTML 100Page - STMicroelectronics SPSB100PTR Datasheet HTML 101Page - STMicroelectronics SPSB100PTR Datasheet HTML 102Page - STMicroelectronics SPSB100PTR Datasheet HTML 103Page - STMicroelectronics SPSB100PTR Datasheet HTML 104Page - STMicroelectronics SPSB100PTR Datasheet HTML 105Page - STMicroelectronics SPSB100PTR Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 213 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
VSWDBG_L
Input voltage low threshold
1.0
-
-
V
VSWDBG_H
Input voltage high threshold for WDC disable
-
-
2.3
V
VSWDBG_HYS
Input hysteresis
0.2
-
-
V
tSWDBG_TO(1)
Software-debug timeout
8.3
10
12.6
s
RSWDBG_PD
Pull-down resistor
VSWDBG = 6 to 20 V
13
29
55
kΩ
VNVM_EMU_L
Input low threshold for NVM emulation exit
6.1
-
-
V
VNVM_EMU_H
Input voltage high threshold for transition to NVM emulation
-
-
9.4
V
VNVM_EMU_HYS Input hysteresis for NVM emulation
0.3
-
-
V
CSWDBG(2)
SWDBG input capacitance
-
-
15
pF
1. Digital implementation is guaranteed by scan test.
2. Guaranteed by design.
7.17
ADC characteristics
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
6.0 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 43. ADC characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tcon
Conversion time for 1 channel
Tested by scan
2.49
3
3.51
µs
tcon_2ADC
Conversion time between 2 ADC
measurements
Tested by scan
32.3
39
45.6
µs
fADC
Clock frequency
Tested by scan
6.72
8.4
10.08 MHz
Acc(1)
Accuracy
Voltage divider+reference
-2
-
2
%
Acc22
Accuracy
Overall accuracy for WU input: VWU = 22 V
-3
-
3
%
Acc18
Accuracy
Overall accuracy for WU input: VWU = 18 V
-3.5
-
3.5
%
Acc6
Accuracy
Overall accuracy for WU input: VWU = 6 V
-6
-
6
%
Acc4
Accuracy
Overall accuracy for WU input: VWU = 4.5 V
-8
-
8
%
IEII
Integral linearity error
-
4
6
LSB
IEDI
Differential linearity error
-
2
4
LSB
VAINVS
Conversion voltage range (WU and IGN)
1
-
40
V
LSB_T
Thermal LSB
0.471 0.496 0.521
°C
LSB_V
Voltage LSB (WU, IGN, VS and FBB)
38
40
42
mV
1. Guaranteed by design.
7.18
IRQ interrupt
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3.0 V ≤ VIO ≤ 5.5 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 44. Interrupt output
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIRQ_L
output low level
IIRQ = +4 mA
-
-
0.5
V
SPSB100
Electrical characteristics
DS14640 - Rev 2
page 102/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com