Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments INA122UA/2K5 Datasheet HTML 10Page - Texas Instruments INA122UA/2K5 Datasheet HTML 11Page - Texas Instruments INA122UA/2K5 Datasheet HTML 12Page - Texas Instruments INA122UA/2K5 Datasheet HTML 13Page - Texas Instruments INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments INA122UA/2K5 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
6.4 Device Functional Modes
The INA122 can be operated on a single power supply as low as +2.2V (or a total of +2.2V on dual supplies).
Performance remains excellent throughout the power supply range up to +36V (or ±18V). Most parameters
vary only slightly throughout the full supply voltage range. See the typical performance curves in Typical
Characteristics section.
Operation at very low supply voltage requires careful attention to maintain the linear operating condition with the
input common-mode voltage range, as explained in the Input Common-Mode Range section.
www.ti.com
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com