Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments INA122UA/2K5 Datasheet HTML 17Page - Texas Instruments INA122UA/2K5 Datasheet HTML 18Page - Texas Instruments INA122UA/2K5 Datasheet HTML 19Page - Texas Instruments INA122UA/2K5 Datasheet HTML 20Page - Texas Instruments INA122UA/2K5 Datasheet HTML 21Page - Texas Instruments INA122UA/2K5 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
An additional series resistor in the Wheatstone bridge string (R1) may or may not be required. This is decided
based on the intended output voltage swing for a particular combination of supply voltage, reference voltage,
and the selected gain for an input common-mode voltage range. R1 helps adjust the input common-mode
voltage range, and thus can help accommodate the intended output voltage swing. In this particular example, R1
is not required and can be shorted to ground.
7.2.1.3 Application Curve
Figure 7-5 shows the typical characteristic curve for the circuit in Figure 7-3.
5.0K
5.1K
5.2K
5.3K
5.4K
5.5K
5.6K
5.7K
V(OUT)
V(IN+,IN-)
0V
1.0V
2.0V
3.0V
0V
100mV
200mV
300mV
Bridge Resistance R + ΔR (Ω)
Figure 7-5. Input Differential Voltage, Output Voltage vs Bridge Resistance
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com