Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 18Page - Texas Instruments INA122UA/2K5 Datasheet HTML 19Page - Texas Instruments INA122UA/2K5 Datasheet HTML 20Page - Texas Instruments INA122UA/2K5 Datasheet HTML 21Page - Texas Instruments INA122UA/2K5 Datasheet HTML 22Page - Texas Instruments INA122UA/2K5 Datasheet HTML 23Page - Texas Instruments INA122UA/2K5 Datasheet HTML 24Page - Texas Instruments INA122UA/2K5 Datasheet HTML 25Page - Texas Instruments INA122UA/2K5 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
8.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (October 1997) to Revision A (December 2024)
Page
• Added Pin Functions table, Recommended Operating Conditions table, Thermal Information table, Detailed
Description section, Application and Implementation section, Power Supply Recommendations section,
Layout section, and the Device and Documentation Support section................................................................ 1
• Changed names on pins 2, 3, 4, 6, and 7 from: VIN–, VIN+, V–, VO and V+ to: –IN, +IN, –VS, OUT and +VS...3
• Added dual supply specification to Absolute Maximum Ratings ....................................................................... 4
• Added note clarifying output short-circuit "to ground" in Absolute Maximum Ratings refers to short-circuit to
VS / 2.................................................................................................................................................................. 4
• Added test condition of TA =–40℃ to +85℃ to input bias current drift and input offset current drift parameter
in Electrical Characteristics ............................................................................................................................... 5
• Changed parameter from Offset Voltage RTI vs Power Supply to Power Supply Rejection Ratio in Electrical
Characteristics ...................................................................................................................................................5
• Changed parameter from Input Impedance to Differential impedance and Common-mode impedance in
Electrical Characteristics ................................................................................................................................... 5
• Added test condition to input bias current parameter in Electrical Characteristics ............................................5
• Changed voltage noise from 2µVpp to 2.7µVpp in Electrical Characteristics ..................................................... 5
• Changed Bandwidth, –3dB at G = 5 from 120kHz to 100kHz in Electrical Characteristics ............................... 5
• Changed Bandwidth, –3dB G = 100 from 5kHz to 3kHz in Electrical Characteristics ....................................... 5
• Added test condition to Slew rate parameter in Electrical Characteristics ........................................................ 5
• Changed falling Slew rate from 0.16V/µs to 0.12V/µs in Electrical Characteristics ...........................................5
• Changed Overload recovery from 3µs to 22µs in Electrical Characteristics ..................................................... 5
• Updated Quiescent Current vs Temperature curve in Typical Characteristics section....................................... 7
• Changed Offset Trimming section.................................................................................................................... 14
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com