Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 12Page - Texas Instruments INA122UA/2K5 Datasheet HTML 13Page - Texas Instruments INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments INA122UA/2K5 Datasheet HTML 17Page - Texas Instruments INA122UA/2K5 Datasheet HTML 18Page - Texas Instruments INA122UA/2K5 Datasheet HTML 19Page - Texas Instruments INA122UA/2K5 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
7.2 Typical Application
7.2.1 Resistive-Bridge Pressure Sensor
The INA122 is an instrumentation amplifier that measures small differential voltages while simultaneously
rejecting larger common-mode voltages. The device offers a low power consumption of 60µA (typical) and
is designed for portable applications where sensors measure physical parameters, such as changes in fluid,
pressure, temperature, or humidity.
The pressure sensor is made of a piezo-resistive element that can be derived as a classical 4-resistor
Wheatstone bridge. Changes in the strain gauge resistance on one leg of the Wheatstone bridge (R + ΔR)
induces a differential voltage VDIFF.
Figure 7-3 shows an example circuit for a pressure sensor application. The signal chain connected to the bridge
downstream processes the pressure change and can trigger an alarm.
GND
+
–
INA122
VOUT
VREF
VEXT = 5 V
0.1 F
VDIFF
ADC
Pressure
Occlusion
Sensor
µC
A
B
C
D
REF
1 F
VS = 5 V
1 F
R1
RG
Figure 7-3. Resistive-Bridge Pressure Sensor
Low-tolerance bridge resistors must be used to minimize the offset and gain errors.
Given that there is only a positive differential voltage applied, this circuit is laid out in single supply mode.
The excitation voltage, VEXT, to the bridge must be precise and stable; otherwise, measurement errors can be
introduced.
7.2.1.1 Design Requirements
For this application, the design requirements are as provided in Table 7-1.
Table 7-1. Design Requirements
DESCRIPTION
VALUE
Single supply voltage
VS = 5V
Excitation voltage
VEXT = 5.0V
Pressure range
P = 1psi to 12psi, increments of P = 0.5psi
Pressure sensitivity
S = 2 ±0.5 (25%) mV/V/psi
Pressure impedance
R = 4.99kΩ ±50Ω (0.1%)
Total pressure sampling rate
Sr = 20Hz
Full-scale range of ADC
VADC(fs) = VOUT = 3.0V
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com