Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  INA122UA/2K5 Datasheet HTML 1Page - Texas Instruments INA122UA/2K5 Datasheet HTML 2Page - Texas Instruments INA122UA/2K5 Datasheet HTML 3Page - Texas Instruments INA122UA/2K5 Datasheet HTML 4Page - Texas Instruments INA122UA/2K5 Datasheet HTML 5Page - Texas Instruments INA122UA/2K5 Datasheet HTML 6Page - Texas Instruments INA122UA/2K5 Datasheet HTML 7Page - Texas Instruments INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4 Pin Configuration and Functions
1
RG
8
RG
2
±IN
7
+VS
3
+IN
6
OUT
4
±VS
5
REF
Not to scale
Figure 4-1. P or D Package, 8-Pin PDIP or SOIC (Top View)
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN
2
Input
Negative (inverting) input
+IN
3
Input
Positive (noninverting) input
OUT
6
Output
Output
REF
5
Input
Reference input. This pin must be driven by a low-impedance source.
RG
1, 8
—
Gain setting pin. Place a gain resistor between pin 1 and pin 8.
–VS
4
—
Negative (lowest) power supply
+VS
7
—
Positive (highest) power supply
www.ti.com
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com