Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  INA122UA/2K5 Datasheet HTML 1Page - Texas Instruments INA122UA/2K5 Datasheet HTML 2Page - Texas Instruments INA122UA/2K5 Datasheet HTML 3Page - Texas Instruments INA122UA/2K5 Datasheet HTML 4Page - Texas Instruments INA122UA/2K5 Datasheet HTML 5Page - Texas Instruments INA122UA/2K5 Datasheet HTML 6Page - Texas Instruments INA122UA/2K5 Datasheet HTML 7Page - Texas Instruments INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5.4 Electrical Characteristics
at TA = 25°C, VS = +5V, RL = 20kΩ connected to VS/2, VREF = 0V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset voltage (RTI)
INA122P, U
±100
±250
µV
INA122PA, UA
±150
±500
Offset voltage drift (RTI)
TA = –40°C to +85°C
INA122P, U
±1
±3
µV/
℃
INA122PA, UA
±1
±5
PSRR
Power-supply rejection ratio
(RTI)
VS = 2.2V to 36V
INA122P, U
10
30
µV/V
INA122PA, UA
10
100
VCM
Operating input range(1)
0
3.4
V
CMRR
Common-mode rejection
ratio (RTI)
VCM = 0V to 3.4V
INA122P, U
83
96
dB
INA122PA, UA
76
96
Differential impedance
100 || 3
GΩ || pF
Common-mode impedance
100 || 3
BIAS CURRENT
IB
Input bias current
VCM = VS / 2
INA122P, U
–10
–25
nA
INA122PA, UA
–10
–50
nA
IOS
Input offset current
VCM = VS / 2
INA122P, U
±1
±2
nA
INA122PA, UA
±1
±5
Input offset current drift
TA = –40°C to +85°C
INA122P, U
±40
pA/
℃
INA122PA, UA
±40
NOISE VOLTAGE
eNI
Voltage noise (RTI)
f = 10Hz
110
nV/√Hz
f = 100Hz
100
f = 1kHz
60
fB = 0.1Hz to 10Hz
2.7
µVPP
iNI
Current noise (RTI)
f = 1kHz
80
fA/√Hz
fB = 0.1Hz to 10Hz
2
pAPP
www.ti.com
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com