Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 10Page - Texas Instruments INA122UA/2K5 Datasheet HTML 11Page - Texas Instruments INA122UA/2K5 Datasheet HTML 12Page - Texas Instruments INA122UA/2K5 Datasheet HTML 13Page - Texas Instruments INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments INA122UA/2K5 Datasheet HTML 17Page - Texas Instruments INA122UA/2K5 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Offset Trimming
The INA122 is laser trimmed for low offset voltage and offset voltage drift. The voltage applied to the Ref
pin is added to the output signal. This connection must be low-impedance to provide expected common-mode
rejection performance. A resistance of 10Ω in series with the Ref pin causes a typical device to degrade to
approximately 80dB CMR. Most applications require no external offset adjustment using the Ref pin and is
typically grounded.
Figure 7-1 shows an optional circuit for trimming the output offset voltage. An op amp buffer is used to provide
low impedance at the Ref pin to preserve good common-mode rejection.
10k
100µA
½ REF200
–
RG
+IN
+
Ref
IN
OUT
+VS
VS
INA122
100µA
½ REF200
–
+
OPA391
100
100
V+
V
±10mV
Adjustment range
Figure 7-1. Optional Trimming of Output Offset Voltage
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com