Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 6Page - Texas Instruments INA122UA/2K5 Datasheet HTML 7Page - Texas Instruments INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments INA122UA/2K5 Datasheet HTML 10Page - Texas Instruments INA122UA/2K5 Datasheet HTML 11Page - Texas Instruments INA122UA/2K5 Datasheet HTML 12Page - Texas Instruments INA122UA/2K5 Datasheet HTML 13Page - Texas Instruments INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
6 Detailed Description
6.1 Overview
The INA122 is a monolithic, precision instrumentation amplifier incorporating a two-op-amp design, providing
savings in power consumption and designed for portable instrumentation and data acquisition systems. An
external gain resistor (RG) sets the gain from 5V/V to 10000V/V.
Figure 6-1 shows a simplified circuit diagram of the INA122. The design of A1 and A2 are identical and
both internal outputs can swing to within approximately 100mV of the power supply rails, depending on load
conditions. When the output of A2 is saturated, A1 can still be in linear operation, responding to changes in the
noninverting input voltage. This can give the appearance of linear operation but the output voltage is invalid.
The most commonly overlooked overload condition occurs by attempting to exceed the output swing of A2,
an internal circuit node that cannot be measured. Calculating the expected voltages at output of A2 (see the
equation in Figure 6-1) provides a check for the most common overload conditions.
A single supply instrumentation amplifier has special design considerations. Using commonly available single
supply op amps to implement the two op amp topology cannot yield equivalent performance. For example,
consider the condition where both inputs of common single supply op amps are equal to 0V. The outputs of both
A1 and A2 must be 0V. But any small positive voltage applied to V+IN requires that A2 output must swing below
0V, which is not feasible without a negative power supply.
To achieve common-mode range that extends to single supply ground, the INA122 uses precision level-shifting
buffers on the inputs. This shifts both inputs by approximately 0.5V, and through the feedback network, shifts A2
output by approximately 0.6V. With both inputs and VREF at single supply, A2 output operates within linear range.
A positive V+IN causes A2 output to swing below 0.6V. As a result of the input level-shifting, the voltages at RG
pins (pins 1 and 8) are not equal to the respective input pin voltages (pins 2 and 3). For most applications, this is
not important because only the gain-setting resistor connects to RG pins.
6.2 Functional Block Diagram
Figure 6-1. INA122 Simplified Circuit Diagram
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com