Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 2Page - Texas Instruments INA122UA/2K5 Datasheet HTML 3Page - Texas Instruments INA122UA/2K5 Datasheet HTML 4Page - Texas Instruments INA122UA/2K5 Datasheet HTML 5Page - Texas Instruments INA122UA/2K5 Datasheet HTML 6Page - Texas Instruments INA122UA/2K5 Datasheet HTML 7Page - Texas Instruments INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments INA122UA/2K5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
at TA = 25°C, VS = +5V, RL = 20kΩ connected to VS/2, VREF = 0V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Gain equation
5 + (200kΩ / RG)
V/V
G
Gain
5
10000
V/V
GE
Gain error
G = 5, VO = ±10V
INA122P, U
±0.05
±0.1
%
INA122PA, UA
±0.05
±0.15
G = 100, VO = ±10V
INA122P, U
±0.3
±0.5
INA122PA, UA
±0.3
±1
Gain vs temperature(2)
G = 5
±5
±10
ppm/°C
G = 100
±25
±100
Gain nonlinearity
G = 100, VO = –14.85V to +14.9V
INA122P, U
±0.005
±0.012
% of FSR
INA122PA, UA
±0.005
±0.024
OUTPUT
Positive output voltage
swing
VS = ±15V
(V+) - 0.1
(V+) - 0.05
V
Negative output voltage
swing
VS = ±15V
(V–) + 0.15
(V-) + 0.1
V
Load capacitance stability
1000
pF
ISC
Short-circuit current
Continuous to VS / 2
+3 / –30
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
G = 5
100
kHz
G = 100
3.5
G = 500
0.9
SR
Slew rate
G = 5, VO = ±10V
Rising
0.08
V/µs
Falling
0.12
Overload recovery
50 % overdrive
22
µs
tS
Settling time
0.01%
G = 5
350
µs
G = 100
450
G = 500
1800
POWER SUPPLY
IQ
Quiescent current
IO = 0A
60
85
µA
(1)
Input voltage range of the INA122 input stage. The input range depends on the common-mode voltage, differential voltage, gain, and
reference voltage. See Typical Characteristic curves Figure 5-5 and Figure 5-6 for more information.
(2)
The values specified for G > 5 do not include the effects of the external gain-setting resistor, RG.
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com