Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 19Page - Texas Instruments INA122UA/2K5 Datasheet HTML 20Page - Texas Instruments INA122UA/2K5 Datasheet HTML 21Page - Texas Instruments INA122UA/2K5 Datasheet HTML 22Page - Texas Instruments INA122UA/2K5 Datasheet HTML 23Page - Texas Instruments INA122UA/2K5 Datasheet HTML 24Page - Texas Instruments INA122UA/2K5 Datasheet HTML 25Page - Texas Instruments INA122UA/2K5 Datasheet HTML 26Page - Texas Instruments INA122UA/2K5 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA122P
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 85
INA122P
INA122P.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 85
INA122P
INA122PA
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-
INA122P
A
INA122PA.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
-40 to 85
INA122P
A
INA122PAG4
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
Call TI
N/A for Pkg Type
See INA122PA
INA122P
A
INA122U
Obsolete
Production
SOIC (D) | 8
-
-
Call TI
Call TI
-
INA
122U
INA122U/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
122U
INA122U/2K5.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
122U
INA122U/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
122U
INA122UA
Obsolete
Production
SOIC (D) | 8
-
-
Call TI
Call TI
-
INA
122U
A
INA122UA/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI | Nipdau
Level-3-260C-168 HR
-
INA
122U
A
INA122UA/2K5.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
122U
A
INA122UA/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
Call TI
Level-3-260C-168 HR
-40 to 85
INA
122U
A
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com