Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA122UA/2K5 Datasheet HTML 1Page - Texas Instruments INA122UA/2K5 Datasheet HTML 2Page - Texas Instruments INA122UA/2K5 Datasheet HTML 3Page - Texas Instruments INA122UA/2K5 Datasheet HTML 4Page - Texas Instruments INA122UA/2K5 Datasheet HTML 5Page - Texas Instruments INA122UA/2K5 Datasheet HTML 6Page - Texas Instruments INA122UA/2K5 Datasheet HTML 7Page - Texas Instruments INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
INA122 Single Supply, Micropower Instrumentation Amplifier
1 Features
• Low quiescent current: 60μA
• Wide power supply range: 2.2V to 36V
• Rail-to-rail output swing
• Low offset voltage: 250μV maximum
• Low offset drift: 3μV/°C maximum
• Low noise: 60nV/√Hz
• Low input bias current: 25nA maximum
• Packages
– 4.9mm × 6mm SOIC
– 9.81mm × 9.43mm PDIP
2 Applications
• Portable electronics
• Field transmitters and sensors
• Pressure transmitters
• Infusion pumps
• Electrocardiograms (ECGs)
3 Description
The
INA122
is
a
precision
instrumentation
amplifier for accurate, low-noise differential signal
acquisition.
The
two-op-amp
design
provides
excellent performance with very low quiescent current
(60μA), and is designed for portable instrumentation
and data acquisition systems. The INA122 can be
operated with single or dual power supplies from 2.2V
to 36V.
A single external resistor sets gain from 5V/V to
10000V/V. Laser trimming provides very low offset
voltage (250μV maximum), offset voltage drift (3μV/°C
maximum) and excellent common-mode rejection.
Package options include 8-pin plastic DIP and
SOIC surface-mount packages. Both packages are
specified for the −40°C to +85°C temperature range.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA122
P (PDIP, 8)
9.81mm × 9.43mm
D (SOIC, 8)
4.9mm × 6mm
(1)
For all available packages, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
-
+
A1
-
+
A2
100k
25k
25k
100k
RG
2
1
8
3
7
6
5
4
VS
IN
+IN
+VS
REF
OUT
VOUT = (V+IN
V IN)×G
G = 5 +
200k
Ω
RG
INA122
INA122 Basic Connections
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA122UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122UA/2K5 BURR-BROWN-INA122UA/2K5 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122UA/2K5G4 BURR-BROWN-INA122UA/2K5G4 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122UA/2K5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_15 Datasheet
1Mb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com