Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments INA122UA/2K5 Datasheet HTML 17Page - Texas Instruments INA122UA/2K5 Datasheet HTML 18Page - Texas Instruments INA122UA/2K5 Datasheet HTML 19Page - Texas Instruments INA122UA/2K5 Datasheet HTML 20Page - Texas Instruments INA122UA/2K5 Datasheet HTML 21Page - Texas Instruments INA122UA/2K5 Datasheet HTML 22Page - Texas Instruments INA122UA/2K5 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
7.3 Power Supply Recommendations
The nominal performance of the INA122 is specified with a single supply voltage (+VS) of 5V and reference
voltage (REF) connected to ground. The device operates using power supplies from 2.2V to 36V in single or dual
supply.
CAUTION
Supply voltages higher than 36V (±18V) can permanently damage the device. Parameters that vary
over supply voltage or temperature are shown in Typical Characteristics of this data sheet.
7.4 Layout
7.4.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
• Make sure that both input paths are well-matched for source impedance and capacitance to avoid converting
common-mode signals into differential signals. Even a slight mismatch in parasitic capacitance at the gain
setting pins can degrade CMRR over frequency. For example, in applications that implement gain switching
using switches or PhotoMOS® relays to change the value of RG, select the component so that the switch
capacitance is as small as possible. Take care to minimize the capacitance mismatch between the RG pins as
much as possible.
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and through the
device. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources
local to the analog circuitry.
– Connect low-ESR, 0.1µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• To reduce parasitic coupling, run the input traces as far away from the supply or output traces as possible. If
these traces cannot be kept separate, crossing the sensitive trace perpendicular is much better as opposed
to in parallel with the noisy trace.
• Place the external components as close to the device as possible. As shown in Figure 7-6, keeping RG close
to the device minimizes parasitic capacitance.
• Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
• Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly reduce
leakage currents from nearby traces that are at different potentials.
• Cleaning the PCB following board assembly is recommended for best performance.
• Any precision integrated circuit can experience performance shifts due to moisture ingress into the plastic
package. Following any aqueous PCB cleaning process, baking the PCB assembly is recommended to
remove moisture introduced into the device packaging during the cleaning process. A low-temperature,
post-cleaning bake at 85°C for 30 minutes is sufficient for most circumstances.
www.ti.com
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com