Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA122UA/2K5 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA122UA/2K5
Description  INA122 Single Supply, Micropower Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA122UA/2K5 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA122UA/2K5 Datasheet HTML 8Page - Texas Instruments INA122UA/2K5 Datasheet HTML 9Page - Texas Instruments INA122UA/2K5 Datasheet HTML 10Page - Texas Instruments INA122UA/2K5 Datasheet HTML 11Page - Texas Instruments INA122UA/2K5 Datasheet HTML 12Page - Texas Instruments INA122UA/2K5 Datasheet HTML 13Page - Texas Instruments INA122UA/2K5 Datasheet HTML 14Page - Texas Instruments INA122UA/2K5 Datasheet HTML 15Page - Texas Instruments INA122UA/2K5 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Table 6-1. Commonly Used Gains and Resistor Values
DESIRED GAIN (V/V)
RG (Ω)
NEAREST 1% RG VALUE (Ω)
5
NC
(1)
NC
(1)
10
40k
40.2k
20
13.33k
13.3k
50
4.444
4.42k
100
2105
2.1k
200
1026
1.02k
500
404
402
1000
201
200
2000
100.3
100
5000
40
40.2
10000
20
20
(1)
NC: No connection
6.3.2 Input Common-Mode Range
The input common-mode range of the INA122 can operate over a wide range of power supply and VREF
configurations. The common-mode range for some common operating conditions is shown in the performance
curves in the Typical Characteristics section, and also in Figure 6-3 and Figure 6-4.
Figure 6-3. Input Common-Mode Range vs Output
Voltage, Vs = ±15V, G = 5
Figure 6-4. Input Common-Mode Range vs Output
Voltage, Vs = ±5, G = 5
6.3.3 Input Protection
The inputs of the INA122 are protected with internal diodes connected to the power supply rails shown in Figure
6-1. The diodes clamp the applied signal to prevent damaging the input circuitry. If the input signal source
voltage exceeds the power supplies by more than 0.3V, limit the source current with a series input resistor to
less than 5mA to protect the internal clamp diodes. Some signal sources are inherently current-limited and do
not require limiting resistors.
6.3.4 Output Current Range
Output sourcing and sinking current values versus the output voltage ranges are shown in the Typical
Characteristics section. The positive and negative current limits are not equal. Positive output current sourcing
can drive moderate to high load impedance. Battery operation normally requires the careful management of
power consumption to keep load impedance very high throughout the design.
INA122
SBOS069A – OCTOBER 1997 – REVISED DECEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: INA122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com